Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN6757MRMX Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN6757MRMX
Descripción Electrónicos  mWSaver PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6757MRMX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6757MRMX Datasheet HTML 3Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 4Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 5Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 9Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 10Page - Fairchild Semiconductor FAN6757MRMX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6757
• Rev. 1.0.1
7
Electrical Characteristics
VDD=15 V and TJ=TA=25C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
GATE Section
DCYMAX
Maximum Duty Cycle
75.0
82.5
90.0
%
VGATE-L
Gate Low Voltage
VDD=15 V, IO=50 mA
1.5
V
VGATE-H
Gate High Voltage
VDD=12 V, IO=50 mA
8
V
tr
Gate Rising Time (10~90%)
VDD=15 V, CL=1 nF
85
110
135
ns
tf
Gate Falling Time (10~90%)
VDD=15 V, CL=1 nF
30
40
50
ns
VGATE-CLAMP Gate Output Clamping Voltage
VDD=22 V
11.0
14.5
18.0
V
RT Section
IRT
Output Current of RT Pin
100
µA
VRTTH1
Threshold Voltage, Latch Protection
(Generally Used for External OTP
Triggering)
VRTTH2< VRT <VRTTH1,
After 14.5 ms Latch Off
1.000
1.035
1.070
V
VRTTH2
Second Latch Protection Threshold
Voltage
VRTTH2 < 0.7 V,
After 185 µs Latch Off
0.65
0.70
0.75
V
ROTP
Value of VRTTH1/IRT
9.66
10.50
11.34
tD-OTP1
Debounce Time, First Latch Protection
Triggering
VRTTH2 < VRT < VRTTH1
11.0
14.5
18.0
ms
tD-OTP2
Debounce Time, Second Latch
Protection Triggering
VRT< VRTTH2
110
185
260
µs
Over-Temperature Protection Section (OTP)
TOTP
Protection Junction Temperature
+135
°C
TRESTART
Restart Junction Temperature
TOTP-
25
°C


Número de pieza similar - FAN6757MRMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN6757MRMX ONSEMI-FAN6757MRMX Datasheet
1Mb / 19P
   PWM Controller
Rev. 1.0.1
More results

Descripción similar - FAN6757MRMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6756AMRMY FAIRCHILD-FAN6756AMRMY Datasheet
1Mb / 20P
   FAN6756??mWSaver??PWM Controller
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
logo
ON Semiconductor
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
   PWM Controller
Rev. 2.0.0
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
   PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
   PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com