Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCMT299N60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FCMT299N60
Descripción Electrónicos  Server and Telecom Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCMT299N60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCMT299N60 Datasheet HTML 1Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 2Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 3Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 4Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 5Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 6Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 7Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 8Page - Fairchild Semiconductor FCMT299N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FCMT299N60 Rev. C0
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.4
1
10
20
1
10
50
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 10.0V
8.0V
6.0V
5.5V
5.0V
4.5V
23456
7
1
10
40
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0
8
16
24
32
40
0.1
0.2
0.3
0.4
0.5
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001
0.01
0.1
1
10
100
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
100
600
0.1
1
10
100
1000
10000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
8
16
24
32
40
0
2
4
6
8
10
*Note: ID = 6A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]


Número de pieza similar - FCMT299N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FCMT099N65S3 ONSEMI-FCMT099N65S3 Datasheet
787Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCMT125N65S3 ONSEMI-FCMT125N65S3 Datasheet
494Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy-Drive 650 V, 24 A, 125 m
February, 2020 ??Rev. 2
FCMT180N65S3 ONSEMI-FCMT180N65S3 Datasheet
479Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 17 A, 180 m
February, 2020 ??Rev. 5
logo
Fairchild Semiconductor
FCMT199N60 FAIRCHILD-FCMT199N60 Datasheet
943Kb / 9P
   Server and Telecom Power Supplies
logo
ON Semiconductor
FCMT360N65S3 ONSEMI-FCMT360N65S3 Datasheet
498Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy-Drive 650 V, 10 A, 360 m
February, 2020 ??Rev. 1
More results

Descripción similar - FCMT299N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIHW47N65E VISHAY-SIHW47N65E Datasheet
161Kb / 7P
   Server and telecom power supplies
Rev. C, 02-Dec-13
logo
Fairchild Semiconductor
FCMT199N60 FAIRCHILD-FCMT199N60 Datasheet
943Kb / 9P
   Server and Telecom Power Supplies
FCH072N60 FAIRCHILD-FCH072N60 Datasheet
771Kb / 9P
   Telecom / Sever Power Supplies
FCH125N60E FAIRCHILD-FCH125N60E Datasheet
793Kb / 9P
   Telecom / Sever Power Supplies
FCP165N60E FAIRCHILD-FCP165N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCPF067N65S3 FAIRCHILD-FCPF067N65S3 Datasheet
874Kb / 9P
   Telecom / Sever Power Supplies
FCP125N60E FAIRCHILD-FCP125N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCH070N60E FAIRCHILD-FCH070N60E Datasheet
1Mb / 9P
   Telecom / Sever Power Supplies
FCH165N60E FAIRCHILD-FCH165N60E Datasheet
781Kb / 9P
   Telecom / Sever Power Supplies
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com