Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM48511SQX Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM48511SQX
Descripción Electrónicos  Mono, Class D Audio Power Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM48511SQX Datasheet(HTML) 1 Page - Texas Instruments

  LM48511SQX Datasheet HTML 1Page - Texas Instruments LM48511SQX Datasheet HTML 2Page - Texas Instruments LM48511SQX Datasheet HTML 3Page - Texas Instruments LM48511SQX Datasheet HTML 4Page - Texas Instruments LM48511SQX Datasheet HTML 5Page - Texas Instruments LM48511SQX Datasheet HTML 6Page - Texas Instruments LM48511SQX Datasheet HTML 7Page - Texas Instruments LM48511SQX Datasheet HTML 8Page - Texas Instruments LM48511SQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
30.0
1000.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
FREQUENCY (MHz)
100.0
200.0
300.0
400.0
500.0
600.0
700.0
800.0
900.0
FCC Class B Limit
LM45811 EMI Spectrum
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ÌLM48511
SNAS416H – JULY 2007 – REVISED AUGUST 2015
LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With
Spread Spectrum
When operating from a 3-V to 4-V power supply, the
1 Features
LM48511 can be configured to drive 1 to 2.5 W into
1
3-W Output into 8
Ω at 5 V With THD+N = 1%
an 8-
Ω load with less than 1% distortion (THD+N).
Selectable Spread Spectrum Mode Reduces EMI
The Class D amplifier features a low-noise PWM
architecture that eliminates the output filter, reducing
80% Efficiency
external component count, board area consumption,
Independent Regulator and Amplifier Shutdown
system cost, and simplifying design. A selectable
Controls
spread spectrum modulation scheme suppresses RF
Dynamically Selectable Regulator Output Voltages
emissions, further reducing the need for output filters.
Filterless Class D
The switching regulator of the LM48511 is a current-
3-V to 5.5-V Operation
mode boost converter operating at a fixed frequency
of 1 MHz. Two selectable feedback networks allow
Low Shutdown Current
the LM48511 regulator to dynamically switch between
Click and Pop Suppression
two different output voltages, improving efficiency by
Key Specifications
optimizing the amplifier’s supply voltage based on
battery voltage and output power requirements.
Quiescent Power Supply Current
VDD = 3 V 9 mA (Typical)
The LM48511 is designed for use in portable devices,
such as GPS, mobile phones, and MP3 players. The
VDD = 5 V 13.5 mA (Typical)
high, 80% efficiency at 5 V, extends battery life when
PO at VDD = 5 V, PV1 = 7.8 V, RL = 8 Ω,
compared
to
Boosted
Class
AB
amplifiers.
THD+N = 1% 3 W (Typical)
Independent
regulator
and
amplifier
shutdown
PO at VDD = 3 V, PV1 = 4.8 V, RL = 8 Ω,
controls optimize power savings by disabling the
THD+N = 1% 1 W (Typical)
regulator when high-output power is not required.
PO at VDD = 5 V, PV1 = 7.8 V, RL = 4 Ω,
The gain of the LM48511 is set by external resistors,
THD+N = 1% 5.4 W (Typical)
which allows independent gain control from multiple
sources by summing the signals. Output short circuit
Shutdown Current at VDD = 3 V, 0.01 μA
and thermal overload protection prevent the device
(Typical)
from damage during fault conditions. Superior click
and pop suppression eliminates audible transients
2 Applications
during power-up and shutdown.
GPS
Device Information(1)
Portable media
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Cameras
LM48511
WQFN (24)
5.00 mm × 4.00 mm
Mobile Phones
(1) For all available packages, see the orderable addendum at
Handheld games
the end of the data sheet.
3 Description
EMI Graph: LM48511 RF Emissions — 3-Inch
The LM48511 device integrates a boost converter
Cable
with a high-efficiency Class D audio power amplifier
to provide 3-W continuous power into an 8-
Ω speaker
when operating from a 5-V power supply.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM48511SQX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM48511SQ NSC-LM48511SQ Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511SQ NSC-LM48511SQ Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM48511SQBD TI-LM48511SQBD Datasheet
144Kb / 2P
[Old version datasheet]   The LM48511 Integrates a Boost Converter with a High Efficiency
More results

Descripción similar - LM48511SQX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
   20W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com