Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM48560 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM48560
Descripción Electrónicos  Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM48560 Datasheet(HTML) 5 Page - Texas Instruments

  LM48560 Datasheet HTML 1Page - Texas Instruments LM48560 Datasheet HTML 2Page - Texas Instruments LM48560 Datasheet HTML 3Page - Texas Instruments LM48560 Datasheet HTML 4Page - Texas Instruments LM48560 Datasheet HTML 5Page - Texas Instruments LM48560 Datasheet HTML 6Page - Texas Instruments LM48560 Datasheet HTML 7Page - Texas Instruments LM48560 Datasheet HTML 8Page - Texas Instruments LM48560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM48560
www.ti.com
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
6.4 Electrical Characteristics VDD = 3.6 V
The following specifications apply for RL = 1.5 μF + 10 Ω, CBST = 1 μF, CIN = 0.47 μF, CSET = 100 nF, AV = 24 dB unless
otherwise specified. Limits apply for TA = 25 °C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN (3)
TYP (4)
MAX (3)
UNIT
VDD
Supply voltage
2.7
5.5
V
VIN = 0 V, RL = ∞
IDD
Quiescent power supply current
ALC Enabled
4
6
mA
ALC Disabled
3.6
mA
PD
Power consumption
VOUT = 25 VP-P, f = 1 kHz
1
W
Software Mode
2.5
4.4
µA
ISD
Shutdown current
Hardware Mode
0.1
2
µA
TWU
Wake-up time
From Shutdown
15
ms
AV = 24 V
10
90
mV
VOS
Differential output offset voltage
AV = 0 dB (Boost Disabled)
5
20
mV
GAIN = 0
0.5
0
0.5
IN1
GAIN = 1
5.5
6
6.5
Gain (Hardware Mode)
dB
GAIN = 0
23.5
24
24.5
IN2
GAIN = 1
29.5
30
30.5
GAIN1 = 0, GAIN0 = 0
–0.5
0
0.5
GAIN1 = 0, GAIN0 = 1
5.5
6
6.5
AV
Boost Disabled
dB
GAIN1 = 1, GAIN0 = 0
11.5
12
12.5
GAIN1 = 1, GAIN0 = 1
17.5
18
18.5
Gain (software mode)
GAIN1 = 0, GAIN0 = 0
20.5
21
21.5
GAIN1 = 0, GAIN0 = 1
23.5
24
24.5
Boost Enabled
dB
GAIN1 = 1, GAIN0 = 0
26.5
27
27.5
GAIN1 = 1, GAIN0 = 1
29.5
30
30.5
Gain step size (software mode)
3
dB
RIN
0 dB
46
50
58
Input resistance
AV
k
30 dB
46
50
58
THD+N = 1%
VOUT
Output voltage
200 Hz
25
30
VP-P
f
1 kHz
25
30
THD+N
Total harmonic distortion + noise VOUT = 18 VP-P, f = 1 kHz
0.08%
VDD = 3.6 V + 200 mVP-P sine, Inputs = AC GND
Power supply rejection ratio
PSRR
fRIPPLE = 217 Hz
55
78
dB
(Figure 22)
fRIPPLE = 1 kHz
76
VCM = 200 mVP-P sine
Common mode rejection ratio
CMRR
fRIPPLE = 217 Hz
68
dB
(Figure 23)
fRIPPLE = 1k Hz
78
dB
Boost Disabled, A-weighted
107
dB
SNR
Signal-to-noise-ratio
Boost Enabled A-weighted
98
dB
A-weighted
εOS
Output noise
24 dB
134
AV
μVRMS
0 dB (Boost Disabled)
16
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(4)
Typical values represent most likely parametric norms at TA = 25 ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48560


Número de pieza similar - LM48560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48560TL TI1-LM48560TL Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560TLX TI1-LM48560TLX Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
More results

Descripción similar - LM48560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
logo
Realtek Semiconductor C...
ALC269 REALTEK-ALC269_08 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
ALC269 REALTEK-ALC269_09 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH EMBEDDED CLASS-D SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com