Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL900A-ASWB Datasheet(PDF) 3 Page - ams AG |
|
SL900A-ASWB Datasheet(HTML) 3 Page - ams AG |
3 / 90 page ams Datasheet: 2014-May-06 [v1-01] SL900A – 3 P i n A ssig n men t The SL900A pin assignments are described below. Figure 3: Pin Layout Figure 4: Pin Description Pin Number Pin Name Description 1 VPOS RF rectifier output 2 VSSA Chip substrate ground – connect to antenna ground 3ANT Antenna coil 4 DIGI_TEST Test input – must be left open 5 VREF Reference voltage output (Vo2) 6 EXT1 Analog input for external sensor 7 EXT2 Analog input for external sensor 8 VSS Chip substrate ground – connect to negative battery terminal. Recommended to connect to VSSA! 9 SEN Enable input for the SPI interface 10 SCLK SPI clock 11 DIN SPI data input 12 DOUT SPI data output Pin Assignment SL900A 1 2 3 4 5678 12 11 10 9 16 15 14 13 VPOS VSSA ANT DIGI_TEST DOUT DIN SCLK SEN |
Número de pieza similar - SL900A-ASWB |
|
Descripción similar - SL900A-ASWB |