Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TUA6030 Datasheet(PDF) 28 Page - Infineon Technologies AG

No. de pieza TUA6030
Descripción Electrónicos  3-Band TV Tuner IC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TUA6030 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TUA6030 Datasheet HTML 24Page - Infineon Technologies AG TUA6030 Datasheet HTML 25Page - Infineon Technologies AG TUA6030 Datasheet HTML 26Page - Infineon Technologies AG TUA6030 Datasheet HTML 27Page - Infineon Technologies AG TUA6030 Datasheet HTML 28Page - Infineon Technologies AG TUA6030 Datasheet HTML 29Page - Infineon Technologies AG TUA6030 Datasheet HTML 30Page - Infineon Technologies AG TUA6030 Datasheet HTML 31Page - Infineon Technologies AG TUA6030 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Reference
5 - 28
TUA6030, TUA6032
Wireless Components
Specification, July 2001
Table 5-1 Absolute Maximum Ratings, ambient temperature TAMB = - 10°C ... + 85°C (continued)
Parameter
1.)
Symbol
Limit Values
Unit
Remarks
min
max
NPN port output voltage
VP4, 5, 7
-0.3
6
V
open collector
NPN port output current
IP4, 5, 7(L)
-1
10
mA
open collector,
tmax = 0.1 sec. at 5.5 V
P6/ADC input/output voltage
VP6/ADC
-0.3
6
V
NPN port output current
IP6/ADC(L)
-1
10
mA
open collector,
tmax = 0.1 sec. at 5.5 V
PNP port output voltage
VP0, 1, 2, 3
-0.3
6
V
open collector
PNP port output current
IP1(L)
+1
-25
mA
open collector,
tmax = 0.1 sec. at 5.5 V
PNP port output current
IP0(L)
+1
-10
mA
open collector,
tmax = 0.1 sec. at 5.5 V
PNP port output current
IP2, 3(L)
+1
-5
mA
open collector,
tmax = 0.1 sec. at 5.5 V
Total port output current of
NPN ports
ΣI
P(L)
40
mA
tmax = 0.1 sec. at 5.5 V
Total port output current of
PNP ports
ΣI
P(L)
-40
mA
tmax = 0.1 sec. at 5.5 V
Mixer-Oscillator
Mix inputs LOW band
VLOW
-0.3
3
V
Mix inputs MID/HIGH band
VMID/HIGH
2
V
IMID/HIGH
-5
6
mA
VCO base voltage
VB
-0.3
3
V
LOW, MID and HIGH
band oscillators
VCO collector voltage
VC
6
V
LOW, MID and HIGH
band oscillators
ESD-Protection 4).
all pins
VESD
2
kV
1). All values are referred to ground (pin), unless stated otherwise.
Currents with a positive sign flow into the pin and currents with a negative sign flow out of pin.
2). The maximum ambient temperature depends on the mounting conditions of the package. Any application
mounting must guarantee not to exceed the maximum junction temperature of 125
°C. As reference the tem-
perature difference junction to case is given.
3). Referred to top center of package.
4). According to EIA/JESD22-A114-B (HBM in-circuit test), as a single device in-circuit contact discharge test.


Número de pieza similar - TUA6030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034-T INFINEON-TUA6034-T Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
TUA6034-V INFINEON-TUA6034-V Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
More results

Descripción similar - TUA6030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6045 INFINEON-TUA6045 Datasheet
874Kb / 64P
   Low Power 3-Band Digital TV / Portable Tuner IC
Revision 3.1, Dec 2006
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761681 TI-SN761681 Datasheet
878Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com