Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V23818-K305-B57 Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza V23818-K305-B57
Descripción Electrónicos  SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23818-K305-B57 Datasheet(HTML) 1 Page - Infineon Technologies AG

  V23818-K305-B57 Datasheet HTML 1Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 2Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 3Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 4Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 5Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 6Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 7Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 8Page - Infineon Technologies AG V23818-K305-B57 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
1
2003-04-25
SFP - Small Form-factor Pluggable
Multimode 850 nm 1.0625 Gbit/s Fibre Channel
1.25 Gigabit Ethernet Transceiver
with LC™ Connector
V23818-K305-B57
File: 1114
LC™ is a trademark of Lucent
Fiber Optics
Features
• Small Form-factor Pluggable (SFP) transceiver
• Fully SFP MSA compliant
1)
• Advanced release mechanism
– Easy access, even in belly to belly applications
– Grip for easy access – no tool is needed
– Color coded black (multimode)
• Excellent EMI performance
• RJ-45 style LC™ connector system
• Single power supply (3.3 V)
• Extremely low power consumption of 415 mW typical
• Small size for high channel density
• UL-94 V-0 certified
• ESD Class 1C per JESD22-A114-B (MIL-STD 883D Method 3015.7)
• Compliant with FCC (Class B) and EN 55022
• For distances of up to 700 m (50 µm fiber)
• Class 1 FDA and IEC laser safety compliant
• AC/AC Coupling according to SFP MSA
• Recommendation: Infineon Cage one-piece design V23838-S5-N1 for press fit and/or
solderable
• Operating case temperature: –10°C to 85°C
• SFP evaluation board V23818-S5-V2 available upon request
1)
Current MSA documentation can be found at www.infineon.com/fiberoptics


Número de pieza similar - V23818-K305-B57

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
V23818-K305-L15 INFINEON-V23818-K305-L15 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L55 INFINEON-V23818-K305-L55 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-K305-L57 INFINEON-V23818-K305-L57 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results

Descripción similar - V23818-K305-B57

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23818-K15-B57 INFINEON-V23818-K15-B57 Datasheet
596Kb / 18P
   SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23839-R35-L55 INFINEON-V23839-R35-L55 Datasheet
636Kb / 34P
   iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com