Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP103BYFFT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP103BYFFT
Descripción Electrónicos  Low-Power, Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103BYFFT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP103BYFFT Datasheet HTML 7Page - Texas Instruments TMP103BYFFT Datasheet HTML 8Page - Texas Instruments TMP103BYFFT Datasheet HTML 9Page - Texas Instruments TMP103BYFFT Datasheet HTML 10Page - Texas Instruments TMP103BYFFT Datasheet HTML 11Page - Texas Instruments TMP103BYFFT Datasheet HTML 12Page - Texas Instruments TMP103BYFFT Datasheet HTML 13Page - Texas Instruments TMP103BYFFT Datasheet HTML 14Page - Texas Instruments TMP103BYFFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TMP103
www.ti.com
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
7.3 Feature Description
The TMP103 is a 1°C resolution digital output temperature sensor offered in a four-ball wafer chip-scale package
(WCSP). The TMP103 features a two-wire interface that is compatible with both I2C and SMBus interfaces.
The serial interface supports multiple device access (MDA) commands that allow the master to communicate
with multiple devices on the bus simultaneously, eliminating the need to send individual commands to each
TMP103 device on the bus. Up to eight TMP103 devices can be tied together in parallel and easily read by the
host.
The TMP103 is an ideal choice for space-constrained and power-sensitive applications with multiple temperature
measurement zones to be monitored.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
Shutdown mode saves maximum power by shutting down all device circuitry other than the serial interface,
reducing current consumption to typically less than 0.5
μA. For details on how to enter shutdown mode, see
Shutdown Mode (M1 = 0, M0 = 0) in Programming.
7.4.2 One-Shot Mode
The TMP103 features a One-Shot Temperature Measurement mode. When the device is in Shutdown mode, the
device can be instructed to complete a one-time temperature measurement before returning to the shutdown
state. This feature is useful for reducing power consumption in the TMP103 when continuous temperature
monitoring is not required.
As a result of the short conversion time, the TMP103 can achieve a higher conversion rate. A single conversion
typically takes 26 ms and a read can take place in less than 20
μs. When using One-Shot mode, 30 or more
conversions per second are possible.
For details on how to enter One-Shot mode, see One-Shot (M1 = 0, M0 = 1) in Programming.
7.4.3 Continuous Conversion Mode
In Continuous Conversion mode, the TMP103 performs temperature conversion at a rate determined by the
conversion rate bits (CR1 and CR0) set in the configuration register. Because the actual temperature conversion
takes only 26 mS, the TMP103 powers down in between conversions and waits for the appropriate delay. For
details on how to enter One-Shot mode, see Continuous Conversion Mode (M1 = 1) and Conversion Rate in
Programming.
7.5 Programming
7.5.1 Temperature Watchdog Function
The TMP103 contains a watchdog function that monitors device temperature and compares the result to the
values stored in the temperature limit registers (THIGH and TLOW) to determine if the device temperature is within
these set limits. If the temperature of the TMP103 becomes greater than the value in the THIGH register, then the
flag-high bit (FH) in the configuration register is set to 1. If the temperature falls below the value in the TLOW
register, then the flag-low bit (FL) is set to 1. If both flag bits remain 0, then the temperature is within the
temperature window set by the temperature limit registers, as shown in Figure 12.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP103


Número de pieza similar - TMP103BYFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP103BYFFT TI-TMP103BYFFT Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results

Descripción similar - TMP103BYFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com