Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2005D1DRBQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2005D1DRBQ1
Descripción Electrónicos  Mono Filter-Free Class-D Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2005D1DRBQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPA2005D1DRBQ1 Datasheet HTML 1Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 2Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 3Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 4Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 5Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 6Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 7Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 8Page - Texas Instruments TPA2005D1DRBQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPA2005D1-Q1
SLOS474D – AUGUST 2005 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
9.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
9.3
Feature Description................................................. 12
2
Applications ........................................................... 1
9.4
Device Functional Modes........................................ 16
3
Description ............................................................. 1
10
Application and Implementation........................ 19
4
Revision History..................................................... 2
10.1
Application Information.......................................... 19
5
Device Comparison Table..................................... 3
10.2
Typical Application ................................................ 19
6
Pin Configuration and Functions ......................... 3
11
Power Supply Recommendations ..................... 23
7
Specifications......................................................... 4
11.1
Power Supply Decoupling Capacitors................... 23
7.1
Absolute Maximum Ratings ...................................... 4
12
Layout................................................................... 24
7.2
ESD Ratings.............................................................. 4
12.1
Layout Guidelines ................................................. 24
7.3
Recommended Operating Conditions ....................... 4
12.2
Layout Example .................................................... 25
7.4
Thermal Information .................................................. 4
13
Device and Documentation Support ................. 26
7.5
Electrical Characteristics........................................... 5
13.1
Community Resource............................................ 26
7.6
Operating Characteristics.......................................... 5
13.2
Trademarks ........................................................... 26
7.7
Typical Characteristics .............................................. 6
13.3
Electrostatic Discharge Caution ............................ 26
8
Parameter Measurement Information ................ 11
13.4
Glossary ................................................................ 26
9
Detailed Description ............................................ 12
14
Mechanical, Packaging, and Orderable
9.1
Overview ................................................................. 12
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2010) to Revision D
Page
Added Applications, ESD Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section. .............................................................. 1
Deleted Ordering Information table. See POA in the back of document. .............................................................................. 1
Added RL Load resistance, to the Abs Max Ratings Table .................................................................................................... 4
Changed Storage temperature From: -65°C to 85°C To: -65°C to 150°C ............................................................................. 4
Deleted Dissipation Ratings table and added Thermal Information table. ............................................................................ 4
Updated Efficiency and Thermal Information ...................................................................................................................... 13
2
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TPA2005D1-Q1


Número de pieza similar - TPA2005D1DRBQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2005D1DRBQ1 TI-TPA2005D1DRBQ1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA2005D1DRBQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com