Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2025D1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPA2025D1
Descripción Electrónicos  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2025D1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA2025D1_14 Datasheet HTML 2Page - Texas Instruments TPA2025D1_14 Datasheet HTML 3Page - Texas Instruments TPA2025D1_14 Datasheet HTML 4Page - Texas Instruments TPA2025D1_14 Datasheet HTML 5Page - Texas Instruments TPA2025D1_14 Datasheet HTML 6Page - Texas Instruments TPA2025D1_14 Datasheet HTML 7Page - Texas Instruments TPA2025D1_14 Datasheet HTML 8Page - Texas Instruments TPA2025D1_14 Datasheet HTML 9Page - Texas Instruments TPA2025D1_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TPA2025D1
SLOS717B – AUGUST 2011 – REVISED DECEMBER 2014
www.ti.com
Operating Characteristics (continued)
VBAT= 3.6 V, EN = VBAT, AGC = GND, TA = 25°C, RL = 8 Ω + 33 μH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A-weighted
49
EN
Noise output voltage
μVRMS
Unweighted
65
1.7 W, RL = 8 Ω + 33 µH. A-weighted
97
1.7 W, RL = 8 Ω + 33 µH. Unweighted
95
SNR
Signal-to-noise ratio
dB
2 W, RL = 4 Ω + 33 µH. A-weighted
95
2 W, RL = 4 Ω + 33 µH. Unweighted
93
PO = 100 mW, f = 1 kHz
0.06%
PO = 500 mW, f = 1 kHz
0.07%
Total harmonic distortion plus
THD+N
noise(1)
PO = 1.7 W, f = 1 kHz, RL = 8 Ω + 33 µH
0.07%
PO = 2 W, f = 1 kHz, RL = 4 Ω + 33 µH
0.15%
THD+N added to other audio signal
connected at amplifier input during
0.02%
shutdown
200 mVPP square ripple, VBAT = 3.8 V, f = 217 Hz
62.5
AC-Power supply ripple rejection
AC PSRR
dB
(output referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
62.5
200 mVPP square ripple, VBAT = 3.8 V, f = 217 Hz
71
AC-Common mode rejection ratio
AC CMRR
dB
(output referred)
200 mVPP square ripple, VBAT = 3.8 V, f = 1 kHz
71
AUTOMATIC GAIN CONTROL
AGC maximum attenuation
10
dB
AGC attenuation resolution
0.5
dB
AGC attack time (gain decrease)
20
µs/dB
AGC release time (gain increase)
1.6
s/dB
Gain vs VBAT slope
VBAT < inflection point
7.5
dB/V
AGC inflection point
AGC = Float
3.25
(Note: AGC pin voltage is read only
AGC = GND
3.55
at device power-
V
up. A device power cycle is
AGC = VBAT
3.75
required to change AGC inflection
points.)
(1)
A-weighted
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPA2025D1


Número de pieza similar - TPA2025D1_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
More results

Descripción similar - TPA2025D1_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com