Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP300BIDCKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP300BIDCKR
Descripción Electrónicos  Resistor-Programmable Temperature Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDCKR Datasheet(HTML) 3 Page - Texas Instruments

  TMP300BIDCKR Datasheet HTML 1Page - Texas Instruments TMP300BIDCKR Datasheet HTML 2Page - Texas Instruments TMP300BIDCKR Datasheet HTML 3Page - Texas Instruments TMP300BIDCKR Datasheet HTML 4Page - Texas Instruments TMP300BIDCKR Datasheet HTML 5Page - Texas Instruments TMP300BIDCKR Datasheet HTML 6Page - Texas Instruments TMP300BIDCKR Datasheet HTML 7Page - Texas Instruments TMP300BIDCKR Datasheet HTML 8Page - Texas Instruments TMP300BIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TMP300
www.ti.com
SBOS335D – JUNE 2005 – REVISED JANUARY 2016
5 Specifications
5.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
V+
Supply voltage
+18
V
Signal input pins, voltage(2)
–0.5
(V+) + 0.5
V
Signal input pins, current(2)
–10
10
mA
ISC
Output short-circuit(3)
Continuous
Open-drain output
(V+) + 0.5
V
TA
Functional temperature
–40
+150
°C
Tstg
Storage temperature
–55
+150
°C
TJ
Junction temperature
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be
current limited to 10mA or less.
(3)
Short-circuit to ground.
5.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM)
±1000
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMP300


Número de pieza similar - TMP300BIDCKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP300BIDCKR TI1-TMP300BIDCKR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

Descripción similar - TMP300BIDCKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com