Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3112D1QPWPRQ1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3112D1QPWPRQ1
Descripción Electrónicos  Filter-Free Mono Class-D Audio Power Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3112D1QPWPRQ1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3112D1QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 12Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 13Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 14Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 15Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 16Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 17Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 18Page - Texas Instruments TPA3112D1QPWPRQ1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
PVCC
PVCC
GAIN1
6
AVCC
7
8
AGND
9
GVDD
OUTN
BSN
BSP
OUTP
23
22
21
20
TPA3112D1-Q1
FAULT
2
GND
3
4
GND
5
GAIN0
PVCC
BSN
OUTN
PGND
27
26
25
24
PLIMIT
10
INN
11
12
INP
13
NC
PGND
OUTP
BSP
PVCC
19
18
17
16
AVCC
14
PVCC
15
GND
29
PowerPAD
SD
1
PVCC
28
PVCC
100 F
0.1 F
1000 pF
100 F
0.1 F
1000 pF
Audio
Source
Control
System
AVCC
100 k
10
100 k
(1)
AVCC
1 k
FB
FB
0.47 F
1000 pF
0.47 F
1000 pF
1 µF
1 µF
1 µF
1 µF
TPA3112D1-Q1
www.ti.com
SLOS793B – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPA3112D1-Q1 device is an automotive class-D audio amplifier. It accepts either a single ended or
differential analog input, amplifies the signal, and drives up to 25-W across a bridge tied load, usually a speaker.
Because an analog input is needed, this device is often paired with a codec or audio DAC if the audio source is
digital.
The four digital input/output pins, GAIN0, GAIN1, SD, and FAULT, can be pulled up to PVCC. When connecting
these terminals to PVCC, a 100 k
Ω-resistor must be put in series to limit the slew rate. One of four gain settings
is used depending on the configuration of GAIN0 and GAIN1. The SD pin is used to put the device in shutdown
or normal mode. The FAULT pin is used to indicate if a DC detect or short circuit fault was detected. The next
few sections explains design considerations and how to choose the external components.
8.2 Typical Application
(1)
100 k
Ω resistor is needed if the PVCC slew rate is more than 10 V/ms.
Figure 16. Mono Class-D Amplifier With BTL Output
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPA3112D1-Q1


Número de pieza similar - TPA3112D1QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results

Descripción similar - TPA3112D1QPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2005D1-Q1 TI1-TPA2005D1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1 TI1-TPA2011D1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
logo
Skyworks Solutions Inc.
AAT5101 SKYWORKS-AAT5101 Datasheet
1Mb / 15P
   2.5W Mono Filter-Free Class D Audio Power Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
   AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com