Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3118D2-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3118D2-Q1
Descripción Electrónicos  100-W and 50-W Class-D Stereo Automotive Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA3118D2-Q1 Datasheet HTML 1Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 2Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 3Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 4Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 5Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 6Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 7Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 8Page - Texas Instruments TPA3118D2-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TPA3116D2-Q1, TPA3118D2-Q1
SLOS862A – JULY 2015 – REVISED AUGUST 2015
www.ti.com
Table 1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AM[2:0]
13–15
I
AM avoidance frequency selection
AVCC
17
P
Analog supply
BSNL
20
BST
Bootstrap for negative left channel output, connect to 220-nF X5R, or better ceramic cap to OUTPL
BSNR
26
BST
Bootstrap for negative right channel output, connect to 220-nF X5R, or better ceramic cap to OUTNR
BSPL
24
BST
Bootstrap for positive left channel output, connect to 220-nF X5R, or better ceramic cap to OUTNL
BSPR
30
BST
Bootstrap for positive right channel output, connect to 220-nF X5R or better ceramic cap to OUTPR
FAULT
3
DO
General fault reporting including overtemperature, dc detect, open drain.
FAULT = High, normal operation
FAULT = Low, fault condition
GAIN/SLV
8
I
Selects gain and selects between master and slave modes depending on pin voltage divider.
GND
9, 22,
G
Ground
25, 28
GVDD
7
PO
Internally generated gate voltage supply. Not to be used as a supply or connected to any component
other than a 1-µF X7R ceramic decoupling capacitor and the PLIMIT and GAIN/SLV resistor dividers.
LINN
11
I
Negative audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
LINP
10
I
Positive audio input for left channel. Biased at 3 V. Connect to GND for PBTL mode.
MODSEL
1
I
Mode selection logic input (LOW = BD mode, HIGH = 1 SPW mode). TTL logic levels with compliance
to AVCC.
MUTE
12
I
Mute signal for fast disable or enable of outputs (HIGH = outputs Hi-Z, LOW = outputs enabled). TTL
logic levels with compliance to AVCC.
OUTNL
21
PO
Negative left-channel output
OUTNR
27
PO
Negative right-channel output
OUTPL
23
PO
Positive left-channel output
OUTPR
29
PO
Positive right-channel output
PLIMIT
6
I
Power limit level adjust. Connect a resistor divider from GVDD to GND to set power limit. Connect
directly to GVDD for no power limit.
PVCC
18, 19,
P
Power supply
31, 32
RINN
5
I
Negative audio input for right channel. Biased at 3 V.
RINP
4
I
Positive audio input for right channel. Biased at 3 V.
SD
2
I
Shutdown logic input for audio amp (LOW = outputs Hi-Z, HIGH = outputs enabled). TTL logic levels
with compliance to AVCC.
SYNC
16
DIO
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV pin.
Thermal pad
G
Connect to GND for best system performance. If not connected to GND, leave floating.
(1)
TYPE: DO = Digital output, I = Analog input, G = General ground, PO = Power output, BST = Bootstrap.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2-Q1 TPA3118D2-Q1


Número de pieza similar - TPA3118D2-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI-TPA3118D2 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Descripción similar - TPA3118D2-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3116D2-Q1 TI-TPA3116D2-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPA311xD2-Q1 100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3221 TI1-TPA3221 Datasheet
708Kb / 39P
[Old version datasheet]   100-W Stereo, 200-W Mono HD-Audio, Analog-Input, Class-D Amplifier
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Analog Devices
SSM2518 AD-SSM2518 Datasheet
2Mb / 48P
   Digital Input Stereo, 2 W, Class-D
REV. A
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com