Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6130A2RTJT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6130A2RTJT
Descripción Electrónicos  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPA6130A2RTJT Datasheet HTML 24Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 25Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 26Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 27Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 28Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 29Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 30Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 31Page - Texas Instruments TPA6130A2RTJT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
A1
1uf
VDD
Top Layer Ground Pour
Top Layer Signal Traces
Via to bottom Ground Plane
It is recommended to place a top layer ground pour for
shielding around TPA6130A2 and connect to lower main
PCB ground plane by multiple vias
Pad to top Layer Ground Pour
TPA6130A2
A2
A3
A4
B1
B4
C1
C2
C4
D1
D2
D3
D4
VDD
1uf
1uf
0.47uf
0.47uf
0.47uf
Lower Layer Signal Traces
Via Between Signal Layers
0.47uf
Audio
Source
1uf
HPLEFT
HPRIGHT
Place decoupling caps as close to
TPA6120A2 pins as possible
Keep vias to ground plane away
from top layer ground pads to
distribute inductances
B2
C3
B3
Top layer pad with via to lower
signal layer for lead out
Minimize charge pump cap series resistance.
Keep close to pins with zero vias.
TPA6130A2
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
11.2 Layout Example
Figure 48. YZH (DSBGA) Package
28
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPA6130A2


Número de pieza similar - TPA6130A2RTJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI-TPA6130A2RTJT Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJT TI1-TPA6130A2RTJT Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2RTJTG4 TI-TPA6130A2RTJTG4 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Descripción similar - TPA6130A2RTJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com