Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR64-04 Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BAR64-04
Descripción Electrónicos  Silicon PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64-04 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAR64-04 Datasheet HTML 1Page - Infineon Technologies AG BAR64-04 Datasheet HTML 2Page - Infineon Technologies AG BAR64-04 Datasheet HTML 3Page - Infineon Technologies AG BAR64-04 Datasheet HTML 4Page - Infineon Technologies AG BAR64-04 Datasheet HTML 5Page - Infineon Technologies AG BAR64-04 Datasheet HTML 6Page - Infineon Technologies AG BAR64-04 Datasheet HTML 7Page - Infineon Technologies AG BAR64-04 Datasheet HTML 8Page - Infineon Technologies AG BAR64-04 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Feb-14-2003
1
BAR64...
Silicon PIN Diode
 High voltage current controlled RF resistor
for RF attenuator and switches
 Frequency range above 1 MHz up to 6 GHz
 Very low capacitance at zero volt reverse bias
at frequencies above 1 GHz (typ. 0.17 pF)
 Low forward resistance (typ. 2.1  @ 10 mA)
 Very low signal distortion
BAR64-02L
BAR64-02V
BAR64-03W
BAR64-07
BAR64-04
BAR64-04T
BAR64-04W
BAR64-06
BAR64-06W
BAR64-05
BAR64-05W
1
2
1
D2
2
3
4
D1
3
1
D2
2
D1
3
1
D2
2
D1
3
1
D2
2
D1
Type
Package
Configuration
LS(nH) Marking
BAR64-02L *
BAR64-02V
BAR64-03W
BAR64-04
BAR64-04T
BAR64-04W
BAR64-05
BAR64-05W
BAR64-06
BAR64-06W
BAR64-07
TSLP-2-1
SC79
SOD323
SOT23
SC75
SOT323
SOT23
SOT323
SOT23
SOD323
SOT143
single, leadless
single
single
series
series
series
common cathode
common cathode
common anode
common anode
parallel pair
0.4
0.6
1.8
1.8
1.2
1.4
1.8
1.4
1.8
1.4
2
MM
O
2 blue
PPs
PPs
PPs
PRs
PRs
PSs
PSs
PTs
* Preliminary Data


Número de pieza similar - BAR64-04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAR64-04 SIEMENS-BAR64-04 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Guangdong Kexin Industr...
BAR64-04 KEXIN-BAR64-04 Datasheet
41Kb / 2P
   Silicon PIN Diode
logo
Infineon Technologies A...
BAR64-04 INFINEON-BAR64-04 Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-04 INFINEON-BAR64-04 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Guangdong Kexin Industr...
BAR64-04 KEXIN-BAR64-04 Datasheet
1Mb / 4P
   PIN Diodes
More results

Descripción similar - BAR64-04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com