Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT68-04 Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza BAT68-04
Descripción Electrónicos  Silicon Schottky Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT68-04 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT68-04 Datasheet HTML 1Page - Infineon Technologies AG BAT68-04 Datasheet HTML 2Page - Infineon Technologies AG BAT68-04 Datasheet HTML 3Page - Infineon Technologies AG BAT68-04 Datasheet HTML 4Page - Infineon Technologies AG BAT68-04 Datasheet HTML 5Page - Infineon Technologies AG BAT68-04 Datasheet HTML 6Page - Infineon Technologies AG BAT68-04 Datasheet HTML 7Page - Infineon Technologies AG BAT68-04 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Feb-03-2003
4
BAT68...
Diode capacitance CT =  (VR)
f
= 1MHz
0
0
EHD07103
BAT 68...
C
T
R
V
23
4
0.5
pF
1.0
1V
Differential forward resistance rf =  (IF)
f
= 10kHz
10
EHD07104
BAT 68...
r
Ι
f
-1
0
10
1
10
mA
10 2
F
0
10
1
10
2
10
3
10
Reverse current IR = (VR)
TA = Parameter
0
10
EHD07102
BAT 68...
Ι
R
R
V
10
10
10
10
A
150 C
TA =
12
3
V
µ
4
-3
-2
-1
0
2
1
10
C
85
C
25
Forward current IF =  (VF)
TA = Parameter
0.0
10
EHD07101
BAT 68...
Ι
F
F
V
10
10
10
10
-40 C
A =
mA
-2
-1
0
1
2
C
25
C
85
C
150
0.1
0.2
0.3
0.4
0.5 V 0.6
T


Número de pieza similar - BAT68-04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BAT68-04 KEXIN-BAT68-04 Datasheet
40Kb / 2P
   Silicon Schottky Diode
logo
Infineon Technologies A...
BAT68-04 INFINEON-BAT68-04 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT68-04 INFINEON-BAT68-04 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT68-04 INFINEON-BAT68-04 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
logo
Siemens Semiconductor G...
BAT68-04W SIEMENS-BAT68-04W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
More results

Descripción similar - BAT68-04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com