Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846PN Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BC846PN
Descripción Electrónicos  NPN/PNP Silicon AF Transistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC846PN Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC846PN Datasheet HTML 1Page - Infineon Technologies AG BC846PN Datasheet HTML 2Page - Infineon Technologies AG BC846PN Datasheet HTML 3Page - Infineon Technologies AG BC846PN Datasheet HTML 4Page - Infineon Technologies AG BC846PN Datasheet HTML 5Page - Infineon Technologies AG BC846PN Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC846PN
Nov-29-2001
1
NPN/PNP Silicon AF Transistor Array
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Two (galvanic) internal isolated NPN/PNP
Transistors in one package
Tape loading orientation
VPS05604
6
3
1
5
4
2
EHA07177
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
EHA07193
12 3
4
5
6
W1s
Direction of Unreeling
Top View
Marking on SOT-363 package
(for example W1s)
corresponds to pin 1 of device
Position in tape: pin 1
opposite of feed hole side
Type
Marking
Pin Configuration
Package
BC846PN
1Os
1=E
2=B
3=C
4=E
5=B
6=C
SOT363
Maximum Ratings
Parameter
Value
Symbol
Unit
V
Collector-emitter voltage
VCEO
65
Collector-base voltage
80
VCBO
Collector-emitter voltage
VCES
V
80
VEBO
V
Emitter-base voltage
5
mA
DC collector current
IC
100
200
Peak collector current
ICM
Total power dissipation, TS = 115 °C
mW
Ptot
250
Tj
150
Junction temperature
°C
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
140
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Número de pieza similar - BC846PN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Nanjing International G...
BC846PN DGNJDZ-BC846PN Datasheet
1Mb / 6P
   SOT-363 Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
More results

Descripción similar - BC846PN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Jul-02-2001
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
logo
Chenmko Enterprise Co. ...
CHT06UPNPT CHENMKO-CHT06UPNPT Datasheet
98Kb / 5P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BCM856S INFINEON-BCM856S_07 Datasheet
92Kb / 9P
   PNP Silicon AF Transistor Array
2007-04-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com