Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP6KE16A Datasheet(PDF) 4 Page - Littelfuse

No. de pieza TP6KE16A
Descripción Electrónicos  Hi reliability application and automotive grade AEC-Q101 qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP6KE16A Datasheet(HTML) 4 Page - Littelfuse

  TP6KE16A Datasheet HTML 1Page - Littelfuse TP6KE16A Datasheet HTML 2Page - Littelfuse TP6KE16A Datasheet HTML 3Page - Littelfuse TP6KE16A Datasheet HTML 4Page - Littelfuse TP6KE16A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
889
TVS Diodes
TP6KE Series
Axial Leaded – 600W > TP6KE series
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/08/15
Physical Specificationst
Weight
0.015oz., 0.4g
Case
JEDEC DO-204AC (DO-15) molded
plastic body over passivated junction.
Polarity
Color band denotes the cathode except
Bipolar.
Terminal
Matte Tin axial leads, solderable per
JESD22-B102.
Dimensions
D
A
A
C
B
Cathode Band
(for Uni-directional products only)
DO-204AC (DO-15)
Flow/Wave Soldering (Solder Dipping)
Peak Temperature :
265OC
Dipping Time :
10 seconds
Soldering :
1 time
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
1.000
-
25.40
-
B
0.230
0.300
5.80
7.60
C
0.028
0.034
0.71
0.86
D
0.104
0.140
2.60
3.60
Environmental Specifications
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
H3TRB
JESD22-A101
RSH
JESD22-B106
0
20
40
60
80
100
120
110
100
Number of Cycles at 60 Hz
Figure 7 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only
4


Número de pieza similar - TP6KE16A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Descripción similar - TP6KE16A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
   AEC-Q101 qualified
November 2016 Rev 7
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMTH6005LCT DIODES-DMTH6005LCT Datasheet
320Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMN2005UFG DIODES-DMN2005UFG Datasheet
518Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com