Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5519CJI2FNTR-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

No. de pieza CS5519CJI2FNTR-G1
Descripción Electrónicos  Enhanced Multi-touch Capacitive Touch Screen Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Página de inicio  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

CS5519CJI2FNTR-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  CS5519CJI2FNTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited CS5519CJI2FNTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519
Apr. 2013
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
Pin Description (Continued)
Pin Number
Pin
Name
Pin
Type
Pin Function
QFN-7×7
-56
QFN-8×8
-68
-
6 to 13
D38 to
D31
O, A
D38, D37, D36, D35, D34, D33, D32, D31
Driving line 38 to line 31
6 to 35
14 to 43
D30 to
D1
O, A
D30, D29, D28, D27, D26, D25, D24, D23, D22, D21,
D20, D19, D18, D17, D16, D15, D14, D13, D12, D11,
D10, D9, D8, D7, D6, D5, D4, D3, D2, D1
Driving line 30 to line 1
36
44
P3.6/
RXD1
(open-
drain)
I/O
Port 3.6 GPIO
8051 P3.6 GPIO
This pin should be configured as open-drain output and
the input range can be 1.8V to 3.3V
RXD1
This pin also can be configured as RXD of UART 1
37
69
VSS
Power
Ground Voltage. 0V
38
45
VDD18
Power
Internal Regulator Output. 1.6V to 2.0V
Typical decoupling capacitors of 0.1
F and 10F should
be connected between VDD18 and VSS
39
46
VDD33
Power
Supply Voltage. 2.8V to 3.6V
A good decoupling capacitor between VDD33 and VSS is
critical for good performance
40 to 56
47 to 63
S1 to
S17
I, A
S1, S2, S3, S4, S5, S6, S7, S8, S9, S10, S11, S12, S13,
S14, S15, S16, S17
Sensing line 1to line 17
-
64 to 68
S18 to
S22
I, A
S18, S19, S20, S21, S22
Sensing line 18 to line 22


Número de pieza similar - CS5519CJI2FNTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-BCA DFI-CS551-C246-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-C246-ECA DFI-CS551-C246-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-BCA DFI-CS551-H310-BCA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
CS551-H310-ECA DFI-CS551-H310-ECA Datasheet
1Mb / 2P
   9th/8th Gen Intel Core 3.5CBS
More results

Descripción similar - CS5519CJI2FNTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
   Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
   Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
   Superior Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
   Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
   True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
   True Multi-Touch Capacitive Touch Panel Controller
ILI2113A ETC-ILI2113A Datasheet
456Kb / 14P
   Capacitive Touch Controller
V1.09 March 06,2013
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com