Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS3120 Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS3120
Descripción Electrónicos  2A Fast Transient Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3120 Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS3120 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3120 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMS3120
2A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
5
Fax (925) 443-0723
Typical Performance Characteristics (TA = 25°C unless otherwise specified)
0.0
0.5
1.0
1.5
012
345
67
Input Voltage (V)
Shutdown Current vs. Input Voltage
125°C
‐50°C & 25°C
0
10
20
30
40
50
60
70
0.0
0.4
0.8
1.2
1.6
2.0
Output Current (A)
IGND vs. Output Current VO=1.8V, VIN=2.5V
100 µsec/div
Enable Start-Up
550mA, VOUT=1.8V,VIN=3.3V, CIN=COUT=22µF
Enable
1V/div
V OUT
1V /div
10 µsec/div
Load Transient
100mA to 1.5A, VOUT=1.8V,VIN=3.3V, CIN=COUT=22µF
ISW OUT
500mA
/div
V OUT
50mVac
/div


Número de pieza similar - AMS3120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
AMS3120S ADMOS-AMS3120S Datasheet
409Kb / 9P
   2A maximum output current
AMS3120S-PG ADMOS-AMS3120S-PG Datasheet
409Kb / 9P
   2A maximum output current
AMS3120S-XX ADMOS-AMS3120S-XX Datasheet
409Kb / 9P
   2A maximum output current
AMS3120S-XXPG ADMOS-AMS3120S-XXPG Datasheet
409Kb / 9P
   2A maximum output current
More results

Descripción similar - AMS3120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
   2A Fast Transient Linear Regulator
logo
Monolithic Power System...
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3132 AMS-AMS3132 Datasheet
439Kb / 10P
   3A Fast Transient Linear Regulator
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
BL8559 BELLING-BL8559 Datasheet
182Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com