Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS3131 Datasheet(PDF) 6 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS3131
Descripción Electrónicos  3A Fast Transient Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3131 Datasheet(HTML) 6 Page - Advanced Monolithic Systems Ltd

  AMS3131 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3131 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMS3131
3A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
6
Fax (925) 443-0723
Functional Block Diagram
VREF= 0.6V
R1
R2
+
-
Error
Amp
Current Limit
Over Temperature
VIN
GND
VOUT
Enable
Figure 1: Block Diagram of AMS 3131 3-Pin TO-220 (T) / TO-263 (M)


Número de pieza similar - AMS3131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3131M-XX ADMOS-AMS3131M-XX Datasheet
319Kb / 9P
   Current Limit protection
AMS3131T-XX ADMOS-AMS3131T-XX Datasheet
319Kb / 9P
   Current Limit protection
More results

Descripción similar - AMS3131

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS3132 AMS-AMS3132 Datasheet
439Kb / 10P
   3A Fast Transient Linear Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
   2A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
Monolithic Power System...
MP2040 MPS-MP2040 Datasheet
383Kb / 12P
   Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com