Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPES65-500750 Datasheet(PDF) 2 Page - Total Power International |
|
TPES65-500750 Datasheet(HTML) 2 Page - Total Power International |
2 / 2 page MODEL NO. DESCRIPTION: TPES65 - X X X Y Y Y -40- OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (TPI External Switcher): About 65W. OUTPUT VOLTAGE / CURRENT RATINGS CHART DEFINED OUTPUT VOLTAGE (Vdc) OUTPUT VOLTAGE (Vdc) / CURRENT (A) 3.3 Vdc ≤Any Voltage ≤18.0 Vdc 3.3-5.0V/8.0-7.5A, 5.1-6.0V/7.45-7.0A, 6.1-7.0V/6.99-6.9A, 7.1-8.0V/6.89-6.8A, 8.1-9.0V/6.79-6.7A, 9.1-10.0V/6.65-6.2A, 10.1-12.0V/6.15-5.2A, 12.1-15.0V/5.17-4.3A, 15.1-16.5V/4.27-3.9A, 16.6-18.0V/3.88-3.6A 18.0 Vdc <Any Voltage ≤48.0 Vdc 18.1-19.6 V/3.59-3.4A, 19.7-20.8V/3.37-3.2A, 20.9-22.2V/3.19-3.0A, 22.3-24.7V/2.99-2.7A, 24.8-26.6V/2.68-2.5A, 26.7-29.0V/2.49-2.3A, 29.1-33.3V/2.29-2.0A, 33.4-36.0V/1.99-1.85A. 36.0-38.0V/1.85-1.7A, 38.0-40.0V/1.75-1.66A, 40.0-42.0V/1.66-1.58A, 42.0-44.0V/1.58-1.51A, 44.0-46.0V/1.51-1.44A, 46.0-48.0V/1.44-1.40A Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No. SINGLE OUTPUT (Model No. for example) MODEL NO. OUTPUT VOLTAGE (Vdc) OUTPUT CURRENT (A) TPES65-330800 3.3V 8.00A TPES65-500750 5.0V 7.50A TPES65-090670 9.0V 6.70A TPES65-120520 12.0V 5.20A TPES65-150430 15.0V 4.30A TPES65-180360 18.0V 3.60A TPES65-196340 19.6V 3.40A TPES65-240277 24.0V 2.77A TPES65-360185 36.0V 1.85A TPES65-480140 48.0V 1.40A MECHANICAL DIMENSIONS: MM [INCHES] WEIGHT: 320.0g (11.30 Oz.) |
Número de pieza similar - TPES65-500750 |
|
Descripción similar - TPES65-500750 |