Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3454 Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI3454
Descripción Electrónicos  QUAD IEEE 802.3AT POE PSE CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3454 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI3454 Datasheet HTML 2Page - Silicon Laboratories SI3454 Datasheet HTML 3Page - Silicon Laboratories SI3454 Datasheet HTML 4Page - Silicon Laboratories SI3454 Datasheet HTML 5Page - Silicon Laboratories SI3454 Datasheet HTML 6Page - Silicon Laboratories SI3454 Datasheet HTML 7Page - Silicon Laboratories SI3454 Datasheet HTML 8Page - Silicon Laboratories SI3454 Datasheet HTML 9Page - Silicon Laboratories SI3454 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
Si3454
6
Rev. 1.1
Classification Mark Specifications
Mark Voltage
VMARK
IPORT =0mA
–10
V
IPORT =5mA
–7
V
Output Voltage Sense
Threshold Voltage
for Power Good Sense
VPGOOD
Measured at VDRAINn to AGND
1
3
V
Bias Current of DRAINn Pin
IDRAINn
VDRAINn =0V
–25
µA
Current Sense
Sense resistor value
RSENSE
1% tolerance
0.2475
0.25
0.2525
Sense Voltage
at Current Limit
VILIM
VSENSEn–VKSENSEn
1x Power Mode
100
106.25
112.5
mV
VSENSEn–VKSENSEn
2x Power Mode
200
212.5
225
mV
DC Disconnect
Sense Voltage
VDC_MIN
VSENSEn – VKSENSEn
1.25
1.875
2.5
mV
SENSEn Pin Bias
Current
ISENSE
VSENSEn – AGND
–1
µA
MOSFET Gate Drive
Drive Current
from GATEn Pin (Active)
GATEn pin active
VGATEn =AGND
1x Power Mode
–60
–40
–20
µA
Drive Current
from GATEn Pin (Off)
GATEn pin shut off
VGATEn =AGND + 5 V
—50
mA
Voltage Difference Between
any GATEn and AGND Pin
IGATEn =–1 µA
10.5
12
13
V
Table 1. PSE Port Interface Recommended Operating Conditions1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Port voltages are referenced with respect to VPWR. All other voltages are referenced with respect to GND. These
specifications apply over the recommended operating voltage and temperature ranges of the device unless noted
otherwise. Typical performance is for TA =25 °C, VDD =AGND + 3.3 V, AGND and DGND = 0 V, and VPWR at 48 V.
2. For a description of the detailed behavior of VDD UVLO, see “4.2.2. Global Event Register and Global Event COR
(0x02, 0x03)” .
3. Positive values indicate currents flowing into the device; negative currents indicate current flowing out of the device.


Número de pieza similar - SI3454

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SI3454 FAIRCHILD-SI3454 Datasheet
122Kb / 5P
   N-Channel PowerTrench MOSFET
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
SI3454-B01-IM SKYWORKS-SI3454-B01-IM Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Vishay Siliconix
SI3454ADV VISHAY-SI3454ADV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Mar-04
SI3454ADV-T1 VISHAY-SI3454ADV-T1 Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 15-Mar-04
More results

Descripción similar - SI3454

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com