Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7013USB-DONGLE Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI7013USB-DONGLE
Descripción Electrónicos  EVALUATION DONGLE TEMPERATURE AND HUMIDITY SENSORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7013USB-DONGLE Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI7013USB-DONGLE Datasheet HTML 5Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 6Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 7Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 8Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 9Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 10Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 11Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 12Page - Silicon Laboratories SI7013USB-DONGLE Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Si7013USB-DONGLE
Rev. 0.7
9
4.1. Configuration Screen
The configuration screen displays the configuration settings for the device that is connected.
Figure 9. Configuration Screen
For Si7013, this includes:
The device ID information (an 8-byte identification that is unique to each device)
Configuration and enable settings for the on-chip heater. While the on-chip heater can go as high as 94
mA, the GUI only supports 39 mA maximum to avoid drawing too much power from the USB port.
Conversion speed settings for the RH and temperature sensor
Control of the voltage conversion settings (Si7013 user register 2)
An option to disable the Si7013 on the USB dongle is included for the case where the device connected to J2 is of
more interest.


Número de pieza similar - SI7013USB-DONGLE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Si7013-A10-GM SILABS-Si7013-A10-GM Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Si7013-A10-GM SILABS-Si7013-A10-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1 SILABS-Si7013-A10-GM1 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Si7013-A10-GM1 SILABS-Si7013-A10-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - SI7013USB-DONGLE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensors
logo
Siemens Semiconductor G...
QFM21 SIEMENS-QFM21 Datasheet
362Kb / 10P
   Duct sensors for relative humidity and temperature
2018-09-19
QFM31 SIEMENS-QFM31 Datasheet
236Kb / 8P
   Duct sensors for relative humidity (high accuracy) and temperature
2022-09-27
QFA31 SIEMENS-QFA31 Datasheet
285Kb / 8P
   Room sensors for relative humidity (high accuracy) and temperature
2016-07-21
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
Vaisala
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
   Humidity and Temperature Probe
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
   TEMPERATURE AND HUMIDITY MODULE
logo
Vaisala
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
   Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com