Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7020-A20-GMR Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SI7020-A20-GMR
Descripción Electrónicos  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-GMR Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI7020-A20-GMR Datasheet HTML 2Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 3Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 4Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 5Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 6Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 9Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Si7020-A20
6
Rev. 1.1
Figure 1. I2C Interface Timing Diagram
Table 3. I2C Interface Specifications1
1.9
 VDD  3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (I/Y grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-
high transition
0.05 x VDD
——
V
SCLK Frequency2
fSCL
400
kHz
SCL High Time
tSKH
0.6
µs
SCL Low Time
tSKL
1.3
µs
Start Hold Time
tSTH
0.6
µs
Start Setup Time
tSTS
0.6
µs
Stop Setup Time
tSPS
0.6
µs
Bus Free Time
tBUF
Between Stop and Start
1.3
µs
SDA Setup Time
tDS
100
ns
SDA Hold Time
tDH
100
ns
SDA Valid Time
tVD;DAT From SCL low to data valid
0.9
µs
SDA Acknowledge Valid Time
tVD;ACK From SCL low to data valid
0.9
µs
Suppressed Pulse Width3
tSPS
50
ns
Notes:
1.
All values are referenced to VIL and/or VIH.
2.
Depending on the conversion command, the Si7020 may hold the master during the conversion (clock stretch). At
above 100 kHz SCL, the Si7020 may also hold the master briefly for user register and device ID transactions. At the
highest I2C speed of 400 kHz the stretching will be <50 µs.
3.
Pulses up to and including 50 ns will be suppressed.
SCL
D6
1/fSCL
tSKH
SDA
tSKL
tSTH
D5
D4
D0
R/W
ACK
tDS
tDH
Start Bit
Stop Bit
tBUF
tSTS
tVD : ACK
tSPS
tSP


Número de pieza similar - SI7020-A20-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7020-A20-GMR SILABS-Si7020-A20-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - SI7020-A20-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com