Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7020-A20-GMR Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI7020-A20-GMR
Descripción Electrónicos  IC HUMIDITY AND TEMPERATURE SENSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7020-A20-GMR Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI7020-A20-GMR Datasheet HTML 7Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 8Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 9Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 10Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 11Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 12Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 13Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 14Page - Silicon Laboratories SI7020-A20-GMR Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Si7020-A20
Rev. 1.1
11
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
DFN-6
Unit
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
No Airflow
256
°C/W
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
1 m/s Airflow
224
°C/W
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
2.5 m/s Airflow
205
°C/W
Junction to Case Thermal Resistance
JC
JEDEC 2-Layer board
22
°C/W
Junction to Board Thermal Resistance
JB
JEDEC 2-Layer board
134
°C/W
Table 7. Absolute Maximum Ratings1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient temperature
under bias
–55
125
°C
Storage Temperature2
–65
150
°C
Voltage on I/O pins
–0.3
VDD+0.3 V
V
Voltage on VDD with
respect to GND
–0.3
4.2
V
ESD Tolerance
HBM
2
kV
CDM
1.25
kV
MM
250
V
Notes:
1.
Absolute maximum ratings are stress ratings only, operation at or beyond these conditions is not implied and may
shorten the life of the device or alter its performance.
2.
Special handling considerations apply; see application note, “AN607: Si70xx Humidity Sensor Designer’s Guide”.


Número de pieza similar - SI7020-A20-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7020-A20-GMR SILABS-Si7020-A20-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - SI7020-A20-GMR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
   Humidity and Temperature Sensor IC
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
   Humidity and Temperature Sensor IC
SHTC1 ETC2-SHTC1 Datasheet
833Kb / 14P
   Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
   IC HUMIDITY AND TEMPERATURE SENSOR
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
   IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
   Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
   Humidity and Temperature Sensor IC
Version 4 - December 2022
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
   Temperature and Humidity sensor IC
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
   Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
   Humidity and Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com