Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8045CA-B-IU Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza SI8045CA-B-IU
Descripción Electrónicos  1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8045CA-B-IU Datasheet(HTML) 5 Page - Silicon Laboratories

  SI8045CA-B-IU Datasheet HTML 1Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 2Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 3Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 4Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 5Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 6Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 7Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 8Page - Silicon Laboratories SI8045CA-B-IU Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Si80xx
Rev. 1.0
5
Figure 1. ENABLE Timing Diagram
Supply Current (10 Mbps)
VDD1
VDD2
VI =5MHz
CL =15pF
4.4
9.4
7.5
12
mA
mA
Maximum Data Rate
0
10
Mbps
Minimum Pulse Width
100
ns
Propagation Delay
tPHL, tPLH
See Figure 2
20
40
65
ns
Pulse Width Distortion
|tPLH – tPHL|
PWD
See Figure 2
20
30
ns
Propagation Delay Skew2 tPSK(P-P)
—20
30
ns
Channel-Channel Skew
tPSK
—20
30
ns
Output Rise Time
tr
CL =15pF
See Figure 2
2.5
4.0
ns
Output Fall Time
tf
CL =15pF
See Figure 2
2.5
4.0
ns
Common Mode
Transient Immunity
CMTI
VI =VDD or 0 V
VCM = 1500 V (see Figure 3)
35
50
kV/µs
Enable to Data Valid
ten1
See Figure 1
10
ns
Enable to Data Tri-State
ten2
See Figure 1
10
ns
Start-up Time3
tSU
—40
µs
Table 2. Electrical Characteristics (Continued)
(VDD1 = 3.15 to 5.5 V, VDD2 = 3.15 to 5.5 V, TA = –40 to 125 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.
ENABLE
OUTPUTS
ten1
ten2


Número de pieza similar - SI8045CA-B-IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI8045AA-B-IU SKYWORKS-SI8045AA-B-IU Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

Descripción similar - SI8045CA-B-IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com