Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5761RARUZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5761RARUZ
Descripción Electrónicos  Multiple Range, 16-/12-Bit, Bipolar/Unipolar Voltage Output DACs with 2 ppm/째C Reference
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5761RARUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5761RARUZ Datasheet HTML 7Page - Analog Devices AD5761RARUZ Datasheet HTML 8Page - Analog Devices AD5761RARUZ Datasheet HTML 9Page - Analog Devices AD5761RARUZ Datasheet HTML 10Page - Analog Devices AD5761RARUZ Datasheet HTML 11Page - Analog Devices AD5761RARUZ Datasheet HTML 12Page - Analog Devices AD5761RARUZ Datasheet HTML 13Page - Analog Devices AD5761RARUZ Datasheet HTML 14Page - Analog Devices AD5761RARUZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
AD5761R/AD5721R
Rev. A | Page 11 of 35
12
11
10
1
3
4
9
2
AD5761R/
AD5721R
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED PAD MUST BE MECHANICALLY CONNECTED TO THE PCB
COPPER PLANE FOR OPTIMAL THERMAL PERFORMANCE. THE EXPOSED PAD
CAN BE LEFT ELECTRICALLY FLOATING.
RESET
VREFIN/VREFOUT
AGND
VSS
SCLK
SYNC
SDI
LDAC
Figure 6. 16-Lead LFCSP Pin Configuration
Table 6. 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RESET
Active Low Reset Input. Asserting this pin returns the AD5761R/AD5721R to their default power-on status
where the output is clamped to ground and the output buffer is powered down. This pin can be left floating
because there is an internal pull-up resistor.
2
VREFIN/VREFOUT
Internal Reference Voltage Output and External Reference Voltage Input. For specified performance,
VREFIN/VREFOUT = 2.5 V. Connect a 10 nF capacitor with the internal reference to minimize the noise.
3
AGND
Ground Reference Pin for Analog Circuitry.
4
VSS
Negative Analog Supply Connection. A voltage in the range of −16.5 V to 0 V can be connected to this pin. For
unipolar output ranges, connect this pin to 0 V. VSS must be decoupled to AGND.
5
VOUT
Analog Output Voltage of the DAC. The output amplifier is capable of directly driving a 2 kΩ, 1 nF load.
6
VDD
Positive Analog Supply Connection. A voltage in the range of 4.75 V to 30 V can be connected to this pin for
unipolar output ranges. Bipolar output ranges accept a voltage in the range of 4.75 V to 16.5 V. VDD must be
decoupled to AGND.
7
DNC
Do Not Connect. Do not connect to this pin.
8
SDO
Serial Data Output. This pin clocks data from the serial register in daisy-chain or readback mode. Data is clocked
out on the rising edge of SCLK and is valid on the falling edge of SCLK.
9
LDAC
Load DAC. This logic input updates the DAC register and, consequently, the analog output. When tied
permanently low, the DAC register is updated when the input register is updated. If LDAC is held high during
the write to the input register, the DAC output register is not updated, and the DAC output update is held off
until the falling edge of LDAC. This pin can be left floating because there is an internal pull-up resistor.
10
SDI
Serial Data Input. Data must be valid on the falling edge of SCLK.
11
SYNC
Active Low Synchronization Input. This pin is the frame synchronization signal for the serial interface. While
SYNC is low, data is transferred in on the falling edge of SCLK. Data is latched on the rising edge of SYNC.
12
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of SCLK. This pin operates at
clock speeds of up to 50 MHz.
13
DVCC
Digital Supply. The voltage range is from 1.7 V to 5.5 V. The applied voltage sets the voltage at which the digital
interface operates.
14
DGND
Digital Ground.
15
ALERT
Active Low Alert. This pin is asserted low when the die temperature exceeds approximately 150°C, or when an
output short circuit or a brownout occurs. This pin is also asserted low during power-up, a full software reset, or
a hardware reset, for which a write to the control register asserts the pin high.
16
CLEAR
Falling Edge Clear Input. Asserting this pin sets the DAC register to zero scale, midscale, or full-scale code (user
selectable) and updates the DAC output. This pin can be left floating because there is an internal pull-up resistor.
EPAD
Exposed Pad. The exposed pad must be mechanically connected to the PCB copper plane for optimal thermal
performance. The exposed pad can be left electrically floating.


Número de pieza similar - AD5761RARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5761RARUZ AD-AD5761RARUZ Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5761RARUZ-RL7 AD-AD5761RARUZ-RL7 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
More results

Descripción similar - AD5761RARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5761R-EP AD-AD5761R-EP Datasheet
296Kb / 11P
   Multiple Range, 16-Bit, Bipolar/Unipolar Voltage Output DAC with 7 ppm/째C Reference
Rev. 0
AD5761 AD-AD5761 Datasheet
1Mb / 31P
   Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
AD5761R AD-AD5761R_18 Datasheet
1Mb / 36P
   Multiple Range, 16-/12-Bit, Bipolar/Unipolar Multiple Range
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722R AD-AD5722R Datasheet
295Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Rev. PrC
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com