Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4806-1 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADA4806-1
Descripción Electrónicos  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1 Datasheet(HTML) 3 Page - Analog Devices

  ADA4806-1 Datasheet HTML 1Page - Analog Devices ADA4806-1 Datasheet HTML 2Page - Analog Devices ADA4806-1 Datasheet HTML 3Page - Analog Devices ADA4806-1 Datasheet HTML 4Page - Analog Devices ADA4806-1 Datasheet HTML 5Page - Analog Devices ADA4806-1 Datasheet HTML 6Page - Analog Devices ADA4806-1 Datasheet HTML 7Page - Analog Devices ADA4806-1 Datasheet HTML 8Page - Analog Devices ADA4806-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4806-1
SPECIFICATIONS
±5 V SUPPLY
VS = ±5 V at TA = 25°C; RF = 0 Ω for G = +1; otherwise, RF = 1 kΩ; RL = 2 kΩ to ground; unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
120
MHz
G = +1, VOUT = 2 V p-p
40
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VOUT = 0.02 V p-p
18
MHz
Slew Rate
G = +1, VOUT = 2 V step
190
V/µs
G = +2, VOUT = 4 V step
250
V/µs
Settling Time to 0.1%
G = +1, VOUT = 2 V step
35
ns
G = +2, VOUT = 4 V step
78
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD31
fC = 20 kHz, VOUT = 2 V p-p
−114/−140
dBc
fC = 100 kHz, VOUT = 2 V p-p
−102/−128
dBc
fC = 20 kHz, VOUT = 4 V p-p, G = +1
−109/−143
dBc
fC = 100 kHz, VOUT = 4 V p-p, G = +1
−93/−130
dBc
fC = 20 kHz, VOUT = 4 V p-p, G = +2
−113/−142
dBc
fC = 100 kHz, VOUT = 4 V p-p, G = +2
−96/−130
dBc
Input Voltage Noise
f = 100 kHz
5.2
nV/√Hz
Input Voltage Noise 1/f Corner Frequency
8
Hz
0.1 Hz to 10 Hz Voltage Noise
44
nV rms
Input Current Noise
f = 100 kHz
0.7
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
Full power mode
13
125
µV
Low power mode, SLEEP = −VS
800
µV
Input Offset Voltage Drift2
TMIN to TMAX, 4 σ
0.2
1.5
µV/°C
Input Bias Current (IB)
Full power mode
550
800
nA
Low power mode, SLEEP = −VS
3
nA
Input Offset Current
2.1
25
nA
Open-Loop Gain
VOUT = −4.0 V to +4.0 V
107
111
dB
INPUT CHARACTERISTICS
Input Resistance
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−5.1
+4
V
Common-Mode Rejection Ratio (CMRR)
VIN, CM = −4.0 V to +4.0 V
103
130
dB
SHUTDOWN PIN
SHUTDOWN Voltage
Low
Powered down
<−1.3
V
High
Enabled
>−0.9
V
SHUTDOWN Current
Low
Powered down
−1.0
+0.2
µA
High
Enabled
0.02
1.0
µA
Turn-Off Time
50% of SHUTDOWN to <10% of enabled
quiescent current
1.25
2.75
µs
Turn-On Time
50% of SHUTDOWN to >99% of final VOUT
1
3
µs
Rev. 0 | Page 3 of 24


Número de pieza similar - ADA4806-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4806-1ARJZ-R2 AD-ADA4806-1ARJZ-R2 Datasheet
711Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4806-1ARJZ-R7 AD-ADA4806-1ARJZ-R7 Datasheet
711Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4806-1RJ-EBZ AD-ADA4806-1RJ-EBZ Datasheet
711Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4806-1 AD-ADA4806-1_16 Datasheet
711Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
More results

Descripción similar - ADA4806-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4806-1 AD-ADA4806-1_16 Datasheet
711Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
ADA4805-2-EP AD-ADA4805-2-EP Datasheet
233Kb / 9P
   0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
Rev. 0
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com