Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5246 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADL5246
Descripción Electrónicos  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5246 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5246 Datasheet HTML 3Page - Analog Devices ADL5246 Datasheet HTML 4Page - Analog Devices ADL5246 Datasheet HTML 5Page - Analog Devices ADL5246 Datasheet HTML 6Page - Analog Devices ADL5246 Datasheet HTML 7Page - Analog Devices ADL5246 Datasheet HTML 8Page - Analog Devices ADL5246 Datasheet HTML 9Page - Analog Devices ADL5246 Datasheet HTML 10Page - Analog Devices ADL5246 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 7 of 36
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
AMP3 FREQUENCY = 2.6 GHz
RFIN3 to RFOUT3 pins
Gain
10.3
11.1
dB
vs. Frequency
±100 MHz
0 to −1.8
0 to −1.4
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+1 to −1.2
+1 to −1.2
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
+0.4 to −0.1
0 to −0.3
dB
Input Return Loss
S11
−10
−10
dB
Output Return Loss
S22
−17
−17
dB
Output 1 dB Compression
Point
22.5
27
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
30
38
dBm
Noise Figure
7.5
7.8
dB
FULL CHAIN FREQUENCY =
2.2 GHz
AMP1
→AMP2→AMP3, AMP2 at
maximum gain
Gain
27.5
31.5
dB
vs. Frequency
±100 MHz
0 to −1.4
0 to −1.6
dB
Gain Range
HG mode
13
44
dB
Input Return Loss
S11
−6
−9
dB
Output Return Loss
S22
−13
−16
dB
Output 1 dB Compression
Point
24
28
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 5 dBm/tone
29
37
dBm
Noise Figure
1.8
1.5
dB
LOGIC INPUTS
Pin VSW1 and Pin VSW1
Logic Level Low
Maximum voltage for a logic low
0.8
0.8
V
Logic Level High
Minimum voltage for a logic high
1.8
1.8
V
Bias Current, VSW1
V
VSW1 = 0 V
<1
<1
μA
V
VSW1 = 3.3 V
290
290
μA
Bias Current, VSW1
VVSW1 = 0 V
<1
<1
μA
VVSW1 = 3.3 V
<1
<1
μA
GAIN CONTROL INTERFACE
Pin VGAIN1 and Pin VGAIN2
VGAIN Minimum
Minimum gain control voltage
0
0
V
VGAIN Maximum
Maximum gain control voltage
3.3
3.3
V
Bias Current
VGAIN1, VGAIN2 = 0 V
−120
−120
μA
VGAIN1, VGAIN2 = 3.3 V
190
190
μA
Input Resistance
10.6
10.6
POWER SUPPLIES
Voltage
3.135
3.3
3.465
4.75
5
5.25
V
Total Supply Current
All three amplifiers active,
maximum gain
141
270
mA
LG mode, VGAIN1 = VGAIN2 = 0 V
105
211
mA
Individual Supply Currents
AMP1
37
59
mA
AMP2 (VPOS1 only, HG mode)1
37
59
mA
AMP2 (VPOS1 only, LG mode)1
<1
<1
mA
VPOS2, VGAIN1 = VGAIN2 = 0 V1
6
13
mA
VPOS2, VGAIN1 = VGAIN2 = 3.3 V1
9.5
17
mA
AMP3 (output bias only)2
61
139
mA
1
VPOS1 and VPOS2 are both required for AMP2 functionality.
2
VPOS2 and AMP3 output bias are both required for AMP3 functionality.


Número de pieza similar - ADL5246

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
ADL5240 AD-ADL5240 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240-EVALZ AD-ADL5240-EVALZ Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
ADL5240-EVALZ AD-ADL5240-EVALZ Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240ACPZ-R7 AD-ADL5240ACPZ-R7 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
More results

Descripción similar - ADL5246

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008 Datasheet
1,014Kb / 11P
   1.5-2.7GHz 쩍 W Digital Variable Gain Amplifier
logo
RF Micro Devices
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
   W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
TriQuint Semiconductor
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
   2.7 ??3.8 GHz Variable Gain Driver Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com