Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BCW60D Datasheet(PDF) 9 Page - Infineon Technologies AG

No. de Pieza. BCW60D
Descripción  NPN Silicon AF Transistors
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

BCW60D Datasheet(HTML) 9 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BCW60, BCX70
9
Jan-29-2002
Noise figure F
= f (IC)
VCE = 5V, f = 120Hz
10
EHP00340
BCW 60/BCX 70
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
S
R = 1 M
ΩΩ
100 k
10 k
1 k
500
Noise figure F
= f (f)
IC = 0.2mA, VCE = 5V, RS = 2k
10
EHP00339
BCW 60/BCX 70
-2
2
10
kHz
5
10
-1
10
0
F
1
10
10
15
20
dB
f
0
Noise figure F
= f (IC)
VCE = 5V, f = 1kHz
10
EHP00341
BCW 60/BCX 70
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
S
R
100 k
Ω 10 kΩ
1 k
500
Noise figure F
= f (IC)
VCE = 5V, f = 10kHz
10
EHP00342
BCW 60/BCX 70
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
R
S
100 k
10 k
500
1 k


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CMST5088SUPERmini. SURFACE MOUNT NPN SILICON TRANSISTORS 1 2 Central Semiconductor Corp
BU522B7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS 1 2 3 4 Motorola, Inc
CJD3439NPN SILICON PLASTIC HIGH VOLTAGE POWER TRANSISTORS 1 2 3 4 Continental Device India Limited
MJ1333320 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS 1 2 3 4 5 MoreMotorola, Inc
MRF421RF POWER TRANSISTORS NPN SILICON 1 2 3 4 Motorola, Inc
BD245NPN SILICON POWER TRANSISTORS 1 2 3 4 5 Bourns Electronic Solutions
2N6274POWER TRANSISTORS NPN SILICON 1 2 3 4 5 MoreON Semiconductor
MJ16018NPN Silicon Power Transistors 1 2 3 4 5 MoreON Semiconductor
MUN5211T1NPN SILICON BIAS RESISTOR TRANSISTORS 1 2 3 4 5 MoreON Semiconductor
CN300NPN SILICON PLANAR EPITAXIAL TRANSISTORS 1 2 3 4 5 Continental Device India Limited

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn