Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BCW65C Datasheet(Hoja de datos) 1 Page - Infineon Technologies AG

No. de Pieza. BCW65C
Descripción  NPN Silicon AF Transistor
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo 

   
 1 page
background image
BCW65, BCW66
1
Jul-10-2001
NPN Silicon AF Transistor
 For general AF applications
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BCW67, BCW68 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BCW65A
BCW65B
BCW65C
BCW66F
BCW66G
BCW66H
EAs
EBs
ECs
EFs
EGs
EHs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BCW65
BCW66
Unit
Collector-emitter voltage
VCEO
32
45
V
Collector-base voltage
VCBO
60
75
Emitter-base voltage
VEBO
5
5
DC collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
mA
100
IB
Peak base current
IBM
200
Total power dissipation, TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
215
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CMPT3646NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMST6427EENHANCED SPECIFICATION SURFACE MOUNT SUPERmini SILICON NPN DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
CP235Power Transistor NPN - Silicon Power Transistor Chip 1 2 Central Semiconductor Corp
CZTA44NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT491ESURFACE MOUNT NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZT3090LSURFACE MOUNT LOW VCE SAT NPN SILICON POWER TRANSISTOR 1 2 Central Semiconductor Corp
BD157Plastic Medium Power NPN Silicon Transistor 1 2 3 4 Motorola, Inc
CD9581NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSC1047NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSD1833NPN SILICON EPITAXIAL POWER TRANSISTOR 1 2 3 Continental Device India Limited

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl