Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI52111-B5 Datasheet(PDF) 7 Page - Silicon Laboratories

No. de pieza SI52111-B5
Descripción Electrónicos  PCI-EXPRESS GEN 3 SINGLE OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52111-B5 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI52111-B5 Datasheet HTML 3Page - Silicon Laboratories SI52111-B5 Datasheet HTML 4Page - Silicon Laboratories SI52111-B5 Datasheet HTML 5Page - Silicon Laboratories SI52111-B5 Datasheet HTML 6Page - Silicon Laboratories SI52111-B5 Datasheet HTML 7Page - Silicon Laboratories SI52111-B5 Datasheet HTML 8Page - Silicon Laboratories SI52111-B5 Datasheet HTML 9Page - Silicon Laboratories SI52111-B5 Datasheet HTML 10Page - Silicon Laboratories SI52111-B5 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Si52111 -B5/B6
Rev 1.2
7
2. Crystal Recommendations
If using a crystal input, the device requires a parallel resonance crystal.
2.1. Crystal Loading
Crystal loading is critical in achieving low ppm performance. To realize low ppm performance, use the total
capacitance the crystal sees to calculate the appropriate capacitive loading (CL).
Figure 1 shows a typical crystal configuration using two trim capacitors. It is important that the trim capacitors are in
series with the crystal.
Figure 1. Crystal Capacitive Clarification
Table 6. Crystal Recommendations
Frequency
(Fund)
Cut
Loading Load Cap
ESR
Drive
Shunt
Cap (max)
Motional
(max)
Tolerance
(max)
Stability
(max)
Aging
(max)
25 MHz
AT
Parallel
12–15 pF <50
 >150 µW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Número de pieza similar - SI52111-B5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI52111-B5 SKYWORKS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B5-GM2 SKYWORKS-SI52111-B5-GM2 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B5-GM2R SKYWORKS-SI52111-B5-GM2R Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B5-GT SKYWORKS-SI52111-B5-GT Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52111-B5-GTR SKYWORKS-SI52111-B5-GTR Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
More results

Descripción similar - SI52111-B5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI52111-B5 SKYWORKS-SI52111-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 SINGLE-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI52111-B3 SILABS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52111-B3 SKYWORKS-SI52111-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
Rev. 1.1
logo
Silicon Laboratories
SI52111-A1 SILABS-SI52111-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 SINGLE OUTPUT CLOCK GENERATOR
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com