Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI52112-A2 Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI52112-A2
Descripción Electrónicos  PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52112-A2 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI52112-A2 Datasheet HTML 5Page - Silicon Laboratories SI52112-A2 Datasheet HTML 6Page - Silicon Laboratories SI52112-A2 Datasheet HTML 7Page - Silicon Laboratories SI52112-A2 Datasheet HTML 8Page - Silicon Laboratories SI52112-A2 Datasheet HTML 9Page - Silicon Laboratories SI52112-A2 Datasheet HTML 10Page - Silicon Laboratories SI52112-A2 Datasheet HTML 11Page - Silicon Laboratories SI52112-A2 Datasheet HTML 12Page - Silicon Laboratories SI52112-A2 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si52112-A1/A2
Rev 1.2
9
3. Test and Measurement Setup
Figures 3 through 5 show the test load configuration for the differential clock signals.
Figure 3. 0.7 V Differential Load Configuration
Figure 4. Differential Measurement for Differential Output Signals
(for AC Parameters Measurement)
M eas urem en t
Po in t
2p F
50
M e as ure m en t
Po in t
2p F
50
L1
L1 = 5 "
OU T +
OU T -
L1


Número de pieza similar - SI52112-A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI52112-A2 SKYWORKS-SI52112-A2 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GM2 SKYWORKS-SI52112-A2-GM2 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GM2R SKYWORKS-SI52112-A2-GM2R Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GT SKYWORKS-SI52112-A2-GT Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-A2-GTR SKYWORKS-SI52112-A2-GTR Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
More results

Descripción similar - SI52112-A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
   PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52111-A1 SILABS-SI52111-A1 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 1 SINGLE OUTPUT CLOCK GENERATOR
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI52112-B3 SKYWORKS-SI52112-B3 Datasheet
1Mb / 20P
   PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
   PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
   CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
SI52147 SILABS-SI52147 Datasheet
190Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com