Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPMBU61-303 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPMBU61-303
Descripción Electrónicos  63W Open Frame Type Medical Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPMBU61-303 Datasheet(HTML) 2 Page - Total Power International

  TPMBU61-303 Datasheet HTML 1Page - Total Power International TPMBU61-303 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
16.66~10.0 A
11.00~9.16 A
10.00~7.50 A
7.87~5.72 A
5.72~4.84 A
4.09~3.46 A
4.84~3.93 A
3.93~3.00 A
3.00~2.33 A
2.33~1.90 A
1.90~1.57 A
5%
5%
5%
3%
3%
3%
3%
3%
2%
2%
2%
50W
55W
60W
63W
63W
45W
63W
63W
63W
63W
63W
3W
3W
3W
3W
4W
4W
4W
4W
5W
5W
6W
TPMBU61-101
TPMBU61-102
TPMBU61-103
TPMBU61-104
TPMBU61-105
TPMBU61-105-1
TPMBU61-106
TPMBU61-107
TPMBU61-108
TPMBU61-109
TPMBU61-110
Pno
max.
(
)
Model
Number
Output#1
Vonom Iomin Iomax
Output#2
Output#3
Output#4
Max.Output
Powe
r
TPMBU61-200
TPMBU61-201
TPMBU61-202
+3.3V
+5V
+5V
1.4A
0.7A
0.7A
7A
7A
7A
59.1W
63W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
4W
3W
3W
4W
4W
5W
5W
4W
4W
4W
4W
4W
4W
4W
4W
4W
3W
4W
4W
4W
63W
TPMBU61-203
+5V
0.7A
7A
63W
TPMBU61-204
+3.3V
1.4A
7A
48.1W
TPMBU61-215
+5V
0.7A
7A
63W
TPMBU61-300
+3.3V
1.2A
6A
63W
TPMBU61-300-1 +3.3V 1.2A
6A
63W
TPMBU61-301
+5V
+5V
+5V
+5V
+5V
+5V
0.6A
6A
63W
TPMBU61-301-1
0.6A
6A
63W
TPMBU61-302
0.6A
6A
63W
TPMBU61-302-1
0.6A
6A
63W
TPMBU61-303
0.6A
6A
63W
TPMBU61-303-1
0.6A
6A
63W
+5V
TPMBU61-305
1.2A
6A
63W
+5V
TPMBU61-305-1
1.2A
6A
63W
+3.3V
+3.3V
TPMBU61-306
1.2A
6A
59.8W
59.8W
TPMBU61-306-1
1.2A
6A
+3.3V
+3.3V
+3.3V
TPMBU61-308
0.5A
5A
53.5W
53.5W
TPMBU61-308-1
0.5A
5A
TPMBU61-400
1.2A
6A
63W
+3.3V
TPMBU61-400-1
1.2A
6A
63W
+3.3V
TPMBU61-400-2
1.2A
6A
63W
+3.3V
TPMBU61-400-3
1.2A
6A
63W
+5V
TPMBU61-401
0.6A
6A
63W
+5V
TPMBU61-401-1
0.6A
6A
63W
+5V
TPMBU61-401-2
0.6A
6A
63W
+5V
TPMBU61-401-3
0.6A
6A
63W
+5V
TPMBU61-402
1.2A
6A
63W
+5V
TPMBU61-402-1
1.2A
6A
63W
+5V
TPMBU61-402-2
1.2A
6A
63W
+5V
TPMBU61-402-3
1.2A
6A
63W
+5V
TPMBU61-403
1.2A
6A
63W
+5V
TPMBU61-403-1
1.2A
6A
63W
+5V
TPMBU61-403-2
1.2A
6A
63W
+5V
TPMBU61-403-3
1.2A
6A
63W
+5V
TPMBU61-404
0.6A
6A
63W
+5V
TPMBU61-404-1
0.6A
6A
63W
+5V
TPMBU61-404-2
0.6A
6A
63W
+5V
Vonom Iomin Iomax Regmax
-24V
0.2A
2A
5%
-12V
0A
0.8A
0.8A
5%
+12V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-15V
0A
5%
0.8A
+15V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
1A
-12V
0A
5%
1A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-15V
0A
5%
0.8A
-15V
0A
5%
0.8A
+15V
0A
5%
0.8A
+15V
0A
5%
Vonom Iomin Iomax Regmax
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-12V
0A
5%
0.8A
+12V
0A
5%
0.8A
-24V
0A
5%
0.8A
+24V
0A
5%
0.8A
-24V
0A
5%
0.8A
+24V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
0.8A
-5V
0A
5%
0.8A
+5V
0A
5%
TPMBU61-404-3
0.6A
6A
63W
Regmax
6%
5%
5%
5%
6%
5%
6%
6%
5%
5%
5%
5%
5%
5%
5%
5%
6%
6%
6%
6%
6%
6%
6%
6%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
Regmax
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
Vonom Iomin Iomax
+12V
+12V
+15V
0.6A
0.3A
0.3A
3A
3A
3A
+24V
0.4A
2A
+5V
0.5A
5A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+15V
0.3A
3A
+15V
0.3A
3A
+24V
0.4A
2A
+24V
0.4A
2A
+12V
0.6A
3A
+12V
0.6A
3A
+5V
0.5A
5A
+5V
0.5A
5A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.3A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+12V
0.6A
3A
+15V
0.3A
3A
+15V
0.3A
3A
+15V
0.3A
3A
+15V
0.3A
3A
5%
MechanicalSpecifications:
MBU61 4XX
-
MBU61
XX
-3
MBU61
XX
-2
MBU61
XX
-1
PIN
MODEL
OUT
Vo2
Vo2
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo3
Vo3
Vo3
Vo4
OUT
OUT
RTN
COM
COM
COM
COM
COM
COM
COM
COM
N/C
N/C
N/C
N/C
N/C
RTN
RTN
RTN
PFD
(
)
Optional
PFD
PFD
PFD
PFD
MBU61-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
Vo4:Output#4
PINCHART
1
2
3
4
5
6
7
8
Note:
1.Dimensionsareshownin
mm.
2.Weight:300gsapprox.
inchesor
3.InputconnectormateswithMolexhousing
09-50-3031andMolex2478seriescrimp
terminal.
4.OutputconnectormateswithMolex housing
09-50-3081andMolex2478seriescrimp
terminal.
DeratingCrve:
u
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.OperatingTemperature:0to70°C
2.Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
63WOpenFrameType
TPMBU61 SERIES
MedicalPowerSupplies
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Número de pieza similar - TPMBU61-303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU60-101 TOTAL-POWER-TPMBU60-101 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU60-102 TOTAL-POWER-TPMBU60-102 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU60-103 TOTAL-POWER-TPMBU60-103 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU60-104 TOTAL-POWER-TPMBU60-104 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
More results

Descripción similar - TPMBU61-303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPIBU-60 TOTAL-POWER-TPIBU-60 Datasheet
344Kb / 2P
   63W Open Frame Type Industrial Power Supplies
logo
Volgen Kaga Electronics...
MBU61 VOLGEN-MBU61 Datasheet
365Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
MBU60 VOLGEN-MBU60 Datasheet
503Kb / 2P
   63W Open Frame Switching Power Supplies For Medical Equipment.
logo
Total Power Internation...
TPMBU80 TOTAL-POWER-TPMBU80 Datasheet
320Kb / 2P
   80W Open Frame Type Medical Power Supplies
TPMBU30 TOTAL-POWER-TPMBU30 Datasheet
259Kb / 2P
   30W Open Frame Type Medical Power Supplies
TPMBU120 TOTAL-POWER-TPMBU120 Datasheet
349Kb / 2P
   120W Open Frame Type Medical Power Supplies
TPMBU150 TOTAL-POWER-TPMBU150 Datasheet
327Kb / 2P
   150W Open Frame Type Medical Power Supplies
TPMBU151 TOTAL-POWER-TPMBU151 Datasheet
344Kb / 2P
   150W Open Frame Type Medical Power Supplies
logo
Vitec Power
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
   63W Open Frame Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com