Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPMI100-T033EI Datasheet(PDF) 2 Page - Total Power International |
|
TPMI100-T033EI Datasheet(HTML) 2 Page - Total Power International |
2 / 2 page OUTPUT VOLTAGE/CURRENT RATINGS CHART MECHANICAL DIMENSIONS: MM [INCHES] WEIGHT: 240g (8.11 Oz.) SINGLE OUTPUT (under 20CFM or 800LFM) MAIN +VO1 ★@ MODEL NO. Typ. Volt. TPMI100-S033160 16.0A +3.3 V TPMI100-S050200 20.0A +5.0 V TPMI100-S070143 14.3A +7.0 V TPMI100-S090111 11.1A +9.0 V TPMI100-S120075 7.5A +12.0 V TPMI100-S150060 6.0A +15.0 V TPMI100-S180050 5.0A +18.0 V TPMI100-S240041 4.1A +24.0 V TPMI100-S330030 3.0A +33.0 V TPMI100-S480021 2.1A +48.0 V DUAL OUTPUT (under 20CFM or 800LFM) MAIN +VO1 ★@ AUX. +VO2@ MODEL NO. Typ. Volt. Typ. Volt. TPMI100-D050I 12.0A + 5.0V 3.0A +12.0V TPMI100-D050K 12.0A +5.0V 3.0A +15.0V Symbol: "★ " OVP built-in "@" Adjustable TRIPLE OUTPUT (under 20CFM or 800LFM) MAIN +VO1 ★@ AUX. +VO2@ AUX. +/-VO3 MODEL NO. Typ. Volt. Typ. Volt. Typ. Volt. TPMI100-T033EI 8.0A +3.3V 7.0A +5.0 V 0.8A +12.0 V TPMI100-T050DI 8.0A +5.0V 6.0A +3.3 V 0.8A +12.0 V TPMI100-T050II 10.0A +5.0V 3.0A +12.0 V 0.8A -12.0 V TPMI100-T050IE 10.0A +5.0V 3.0A +12.0 V 0.8A -5.0 V TPMI100-T050KK 10.0A +5.0V 2.5A +15.0 V 0.8A -15.0 V TPMI100-T050KE 10.0A +5.0V 3.0A +15.0 V 0.8A - 5.0 V TPMI100-T050MI 10.0A +5.0V 1.5A +24.0 V 0.8A -12.0 V QUAD OUTPUT (under 20CFM or 800LFM) MAIN +VO1 ★@ AUX. +VO2@ AUX. VO3 AUX. +VO4 MODEL NO. Typ. Volt. Typ. Volt. Typ. Volt. Typ. Volt. TPMI100-Q033EII 7.0A +3.3V 8.0A +5.0 V 0.5A +12.0V 0.5A -12.0 V TPMI100-Q050DII 8.0A +5.0V 7.0A +3.3 V 0.5A +12.0V 0.5A -12.0 V TPMI100-Q050IIE 10.0A +5.0V 3.0A +12.0 V 0.8A -12.0V 0.5A -5.0 V TPMI100-Q050KKE 10.0A +5.0V 3.0A +15.0 V 0.8A -15.0V 0.5A -5.0 V TPMI100-Q050MII 10.0A +5.0V 1.5A +24.0 V 0.8A +12.0V 0.5A -12.0 V TPMI100-Q050MKK 10.0A +5.0V 1.5A +24.0 V 0.8A +15.0V 0.5A -15.0 V INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT AC INPUT SINGLE DUAL TRIPLE QUAD ASSIGNMENT AC-L AC-N AC-G VO1 DC COM VO1 VO2 DC COM VO1 VO2 VO3 DC COM VO1 VO2 VO3 VO4 DC COM CNTR/PIN# P1-L P1-N G P2-1,2 P2-3,4 P2-5,6 P2-7,8 P2-1,2 P2-3,4 P2-9,10 P2-5,6 P2-7,8 P2-1,2 P2-3,4 P2-9,10 P2-12 P2-5,6 P2-7,8 P2-1,2 P2-3,4 P2-9,10 P2-11 P2-12 P2-5,6 P2-7,8 Mating connector: P1,2 Molex # 5195 or 5239 series. Total Power International, Inc. Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com |
Número de pieza similar - TPMI100-T033EI |
|
Descripción similar - TPMI100-T033EI |