Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53112 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza SI53112
Descripción Electrónicos  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53112 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI53112 Datasheet HTML 1Page - Silicon Laboratories SI53112 Datasheet HTML 2Page - Silicon Laboratories SI53112 Datasheet HTML 3Page - Silicon Laboratories SI53112 Datasheet HTML 4Page - Silicon Laboratories SI53112 Datasheet HTML 5Page - Silicon Laboratories SI53112 Datasheet HTML 6Page - Silicon Laboratories SI53112 Datasheet HTML 7Page - Silicon Laboratories SI53112 Datasheet HTML 8Page - Silicon Laboratories SI53112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Si53112
4
Rev. 1.1
1. Electrical Specifications
Table 1. DC Operating Characteristics
VDD_A =3.3 V±5%, VDD =3.3 V±5%
Parameter
Symbol
Test Condition
Min
Max
Unit
3.3 V Core Supply Voltage
VDD/VDD_A
3.3 V ±5%
3.135
3.465
V
3.3 V I/O Supply Voltage1
VDD_IO
1.05 V to 3.3 V ±5%
0.9975
3.465
V
3.3 V Input High Voltage
VIH
VDD
2.0
VDD+0.3
V
3.3 V Input Low Voltage
VIL
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < VIN < VDD
–5
+5
µA
3.3 V Input High Voltage3
VIH_FS
VDD
0.7
VDD+0.3
V
3.3 V Input Low Voltage3
VIL_FS
VSS–0.3
0.35
V
3.3 V Input Low Voltage
VIL_Tri
0
0.8
V
3.3 V Input Med Voltage
VIM_Tri
1.2
1.8
V
3.3 V Input High Voltage
VIH_Tri
2.2
VDD
V
3.3 V Output High Voltage4
VOH
IOH =–1mA
2.4
V
3.3 V Output Low Voltage4
VOL
IOL =1 mA
0.4
V
Input Capacitance5
CIN
2.5
4.5
pF
Output Capacitance5
COUT
2.5
4.5
pF
Pin Inductance
LPIN
—7
nH
Ambient Temperature
TA
No Airflow
–40
85
°C
Notes:
1.
VDD_IO applies to the low-power NMOS push-pull HCSL compatible outputs.
2.
Input Leakage Current does not include inputs with pull-up or pull-down resistors. Inputs with resistors should state
current requirements.
3.
Internal voltage reference is to be used to guarantee VIH_FS and VIL_FS thresholds levels over full operating range.
4.
Signal edge is required to be monotonic when transitioning through this region.
5.
Ccomp capacitance based on pad metallization and silicon device capacitance. Not including pin capacitance.
Table 2. Current Consumption
TA = –40 to 85 °C; supply voltage VDD =3.3 V ±5%
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Current
IDDVDD
133 MHz, VDD Rail
18
25
mA
IDDVDDA
133 MHz, VDDA + VDDR, PLL Mode
17
20
mA
IDDVDDIO
133 MHz, CL = Full Load, VDD IO Rail
85
110
mA
Power Down Current IDDVDDPD
Power Down, VDD Rail
0.4
1
mA
IDDVDDAPD
Power Down, VDDA Rail
2
5
mA
IDDVDDIOPD
Power Down, VDD_IO Rail
0.2
0.5
mA


Número de pieza similar - SI53112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53112-A00AGM SKYWORKS-SI53112-A00AGM Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
SI53112-A00AGMR SKYWORKS-SI53112-A00AGMR Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
More results

Descripción similar - SI53112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53119 SILABS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53119 SKYWORKS-SI53119 Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.3
SI53119-A03A SKYWORKS-SI53119-A03A Datasheet
1Mb / 35P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Silicon Laboratories
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53106 SKYWORKS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
Rev. 1.2
logo
Silicon Laboratories
SI53106 SILABS-SI53106 Datasheet
1Mb / 34P
   SIX-OUTPUT PCIE GEN 3 BUFFER/ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com