Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI53308 Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI53308
Descripción Electrónicos  DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53308 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI53308 Datasheet HTML 7Page - Silicon Laboratories SI53308 Datasheet HTML 8Page - Silicon Laboratories SI53308 Datasheet HTML 9Page - Silicon Laboratories SI53308 Datasheet HTML 10Page - Silicon Laboratories SI53308 Datasheet HTML 11Page - Silicon Laboratories SI53308 Datasheet HTML 12Page - Silicon Laboratories SI53308 Datasheet HTML 13Page - Silicon Laboratories SI53308 Datasheet HTML 14Page - Silicon Laboratories SI53308 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Si53308
Rev. 0.9
11
Figure 1. Differential Measurement Method Using a Balun
Table 12. Additive Jitter, Single-Ended Clock Input
VDD
Input1,2
Output
Additive Jitter
(fs rms, 12 kHz to
20 MHz)3
Freq
(MHz)
Clock Format
Amplitude
VIN
(single-ended,
peak to peak)
SE 20%-80%
Slew Rate
(V/ns)
Clock Format
Typ
Max
3.3
200
Single-ended
1.70
1
LVCMOS4
120
160
3.3
156.25
Single-ended
2.18
1
LVPECL
160
185
3.3
156.25
Single-ended
2.18
1
LVDS
150
200
3.3
156.25
Single-ended
2.18
1
LVCMOS4
130
180
2.5
200
Single-ended
1.70
1
LVCMOS5
120
160
2.5
156.25
Single-ended
2.18
1
LVPECL
145
185
2.5
156.25
Single-ended
2.18
1
LVDS
145
195
2.5
156.25
Single-ended
2.18
1
LVCMOS5
140
180
Notes:
1.
For best additive jitter results, use the fastest slew rate possible. See “AN766: Understanding and Optimizing Clock
Buffer’s Additive Jitter Performance” for more information.
2.
DC-coupled single-ended inputs.
3.
Measured differentially using a balun at the phase noise analyzer input. See Figure 1. LVCMOS jitter is measured
single-ended.
4.
Drive Strength: 12 mA, 3.3 V (SFOUT = 11).
5.
Drive Strength: 9 mA, 2.5 V (SFOUT = 11).
PSPL 5310A
CLKx
/CLKx
50
50
Balun
50ohm
AG E5052 Phase Noise
Analyzer
Si533xx
DUT
PSPL 5310A
CLK SYNTH
SMA103A
Balun


Número de pieza similar - SI53308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI53308-B-GM SKYWORKS-SI53308-B-GM Datasheet
1Mb / 69P
   Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
More results

Descripción similar - SI53308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
SI53313 SILABS-SI53313 Datasheet
1Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Skyworks Solutions Inc.
SI53313 SKYWORKS-SI53313 Datasheet
2Mb / 33P
   DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
   1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com