Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCL1810RGZR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
CDCL1810RGZR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 33 page CDCL1810 www.ti.com SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014 • Added Note 1 to the Function Block Diagram ...................................................................................................................... 10 • Added the SDA/SCL Connections Recommendations section ............................................................................................ 12 6 Device Comparison Table Table 1. TA Device Comparison TA PACKAGED DEVICES FEATURES –40°C to +85°C CDCL1810RGZT 48-pin VQFN (RGZ) Package, small tape and reel –40°C to +85°C CDCL1810RGZR 48-pin VQFN (RGZ) Package, tape and reel Table 2. Device Feature Comparison FEATURE CDCL1810 CDCL1810A Divider Synchronization after power up and after each programming Yes No access. During Synchronization all outputs Yes No are disabled. Output Group Phase Adjustment Yes No Device Revision ID b'011' b'100' 1:10 Clock Fanout Yes Yes Outputs grouped into two divider banks Yes Yes Individual Output enabled/disable with I2C Yes Yes Continuous and independent operation of outputs which are not programmed, while configuring and programming No Yes other No Yes outputs. Copyright © 2007–2014, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: CDCL1810 |
Número de pieza similar - CDCL1810RGZR |
|
Descripción similar - CDCL1810RGZR |