Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL23EP04NZZC-1T Datasheet(PDF) 7 Page - Silicon Laboratories |
|
SL23EP04NZZC-1T Datasheet(HTML) 7 Page - Silicon Laboratories |
7 / 11 page Rev 2.1, May 2, 2008 Page 7 of 11 SL23EP04NZ Operating Conditions (C and I-Grade and VDD=2.5V) Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C Description Symbol Condition Min Typ Max Unit Operating Voltage VDD VDD+/-10% 2.25 2.5 2.75 V Operating Temperature TA-1 Ambient Temperature C-Grade 0 – 70 °C TA-2 Ambient Temperature I-Grade -40 – 85 °C Input Capacitance VINC Pins 1 and 2 – 3 5 pF Load Capacitance CL1 All Outputs ≤180MHz – – 15 pF CL2 All Outputs ≤80MHz – – 30 pF Operating Frequency CLKIN1 Input Clock Range, CL=15pF DC – 180 MHz Operating Frequency CLKIN2 Input Clock Range, CL=30pF DC – 80 MHz DC Electrical Characteristics (C-Grade and VDD=2.5V) Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C Description Symbol Condition Min Typ Max Unit Input Low Voltage VINL CLKIN and OE – – 0.7 V Input High Voltage VINH CLKIN and OE 1.7 – VDD+0.3 V Input Low Current IINL 0 < VIN < 0.8V – – 10 µA Input High Current IINH 2.4V < VIN < VDD – – 15 µA Output Low Voltage VOL IOL=8mA – – 0.4 V Output High Voltage VOH IOH=-8mA VDD-0.6 – – V Power Supply Current IDD1 CLKIN=33MHz CL=0 (No load at outputs) – 7 11 mA Power Supply Current IDD2 CLKIN=66MHz CL=0 (No load at outputs) – 9 14 mA Power Supply Current IDD3 CLKIN=166MHz CL=0 (No load at outputs) – 13 18 mA Switching Electrical Characteristics (C-Grade and VDD=2.5V) Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C Description Symbol Condition Min Typ Max Unit Output Frequency Range FOUT1 CL=15pF 0 - 180 MHz FOUT2 CL=30pF 0 - 80 MHz Input Duty Cycle DC1 Measured at VDD/2 20 50 80 % Output Duty Cycle DC2 CL=15pF, Fout=166MHz Measured at VDD/2 45 50 55 % |
Número de pieza similar - SL23EP04NZZC-1T |
|
Descripción similar - SL23EP04NZZC-1T |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |