Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL23EP05BSI-1HT Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SL23EP05BSI-1HT
Descripción Electrónicos  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05BSI-1HT Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SL23EP05BSI-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 11Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 12Page - Silicon Laboratories SL23EP05BSI-1HT Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SL23EP05
Rev. 2.2
9
2. General Description
The SL23EP05 is a low skew, low jitter Zero Delay Buffer with very low operating current.
The product includes an on-chip high performance PLL that locks into the input reference clock and produces five
output clock drivers tracking the input reference clock for systems requiring clock distribution.
3. Input and Output Frequency Range
The input and output frequency range is the same. However, it depends on VDD and drive levels as given in the
below Table 8.
If the input clock frequency is DC (0 to VDD), this is detected by an input frequency detection circuitry and all five
clock outputs are forced to Hi-Z. The PLL is shutdown to save power. In this shutdown state, the product draws
less than 10 μA supply current.
4. SpreadThru™ Feature
If a Spread Spectrum Clock (SSC) were to be used as an input clock, the SL23EP05 is designed to pass the
modulated Spread Spectrum Clock (SSC) signal from its reference input to the output clocks. The same spread
characteristics at the input are passed through the PLL and drivers without any degradation in spread percent (%),
spread profile and modulation frequency.
5. High and Low-Drive Product Options
The SL23EP05 is offered with High-Drive “–1H” and Standard-Drive “–1” options. These drive options enable the
users to control load levels, frequency range and EMI control. Refer to the AC electrical tables for the details.
6. Skew and Zero Delay
All outputs should drive the similar load to achieve output-to-output skew and input-to-output specifications given in
the AC electrical tables. However, Zero delay between input and outputs can be adjusted by changing the loading
of CLKOUT relative to the banks A and B clocks since CLKOUT is the feedback to the PLL.
7. Power Supply Range (VDD)
The SL23EP05 is designed to operate in a wide power supply range from 2.250 V (Min) to 3.360 V (Max). This
power supply range complies with 3.3 V+/–10% and 2.5 V+/–10% standard power supply requirements used in
most systems. An internal on-chip voltage regulator is used to supply PLL constant power supply of 1.8 V, leading
to a consistent and stable PLL electrical performance in terms of skew, and jitter and power dissipation.
Table 8. Input/Output Frequency Range
VDD (V)
Drive
Min (MHz)
Max (MHz)
3.3
HIGH
10
220
3.3
STD
10
200
2.5
HIGH
10
180
2.5
STD
10
167


Número de pieza similar - SL23EP05BSI-1HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1 SPECTRALINEAR-SL23EP05SC-1 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1H SPECTRALINEAR-SL23EP05SC-1H Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1HT SPECTRALINEAR-SL23EP05SC-1HT Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP05SC-1T SPECTRALINEAR-SL23EP05SC-1T Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

Descripción similar - SL23EP05BSI-1HT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com