Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2571 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMX2571
Descripción Electrónicos  Low-Power, High-Performance PLLatinum RF Synthesizer
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2571 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMX2571 Datasheet HTML 4Page - Texas Instruments LMX2571 Datasheet HTML 5Page - Texas Instruments LMX2571 Datasheet HTML 6Page - Texas Instruments LMX2571 Datasheet HTML 7Page - Texas Instruments LMX2571 Datasheet HTML 8Page - Texas Instruments LMX2571 Datasheet HTML 9Page - Texas Instruments LMX2571 Datasheet HTML 10Page - Texas Instruments LMX2571 Datasheet HTML 11Page - Texas Instruments LMX2571 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
LMX2571
SNAS654 – MARCH 2015
www.ti.com
6.7 Typical Characteristics
At TA = 25 °C, unless otherwise noted
OSCin = 19.44 MHz
fOUT = 200 MHz
Synthesizer mode
OSCin = 19.44 MHz
fOUT = 500 MHz
Synthesizer mode
Figure 2. Typical Close Loop Phase Noise
Figure 3. Typical Close Loop Phase Noise
OSCin = 19.44 MHz
fOUT = 900 MHz
Synthesizer mode
OSCin = 19.44 MHz
fOUT = 1200 MHz
Synthesizer mode
Figure 4. Typical Close Loop Phase Noise
Figure 5. Typical Close Loop Phase Noise
FSKBaud = 4.8 kSPS
FSK PIN mode
Reference clock is a FM modulated signal with fMOD = 2.4 kHz
Figure 6. 4FSK Direct Digital Modulation
Figure 7. FM Modulation via Reference Clock
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMX2571


Número de pieza similar - LMX2571

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2571 TI1-LMX2571 Datasheet
2Mb / 62P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
LMX2571 TI-LMX2571 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
LMX2571-EP TI-LMX2571-EP Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
LMX2571NJKR TI1-LMX2571NJKR Datasheet
2Mb / 62P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
LMX2571NJKT TI1-LMX2571NJKT Datasheet
2Mb / 62P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
More results

Descripción similar - LMX2571

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2571 TI1-LMX2571_16 Datasheet
2Mb / 62P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
LMX2582 TI1-LMX2582 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2592 TI1-LMX2592 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com