Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2531LQE1226E Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LMX2531LQE1226E
Descripción Electrónicos  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQE1226E Datasheet(HTML) 4 Page - Texas Instruments

  LMX2531LQE1226E Datasheet HTML 1Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 2Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 3Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 4Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 5Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 6Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 7Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 8Page - Texas Instruments LMX2531LQE1226E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LMX2531
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
www.ti.com
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Chip Enable Input. High impedance CMOS input. This pin must not exceed 2.75 V. When
CE is brought high the LMX2531 is powered up corresponding to the internal power control
CE
11
Input
bits. Although the part can be programmed when powered down, it is still necessary to
reprogram the R0 register to get the part to re-lock.
MICROWIRE clock input. High impedance CMOS input. This pin must not exceed 2.75 V.
CLK
9
Input
Data is clocked into the shift register on the rising edge.
Charge pump output for PLL. For connection to Vtune through an external passive loop
CPout
24
Output
filter.
MICROWIRE serial data input. High impedance CMOS input. This pin must not exceed
DATA
8
Input
2.75 V. Data is clocked in MSB first. The last bits clocked in form the control or register
select bits.
FLout
25
Output
An open drain NMOS output which is used for FastLock or a general purpose output.
Fout
21
Output
Buffered RF Output for the VCO.
Ftest/LD
30
Output
Multiplexed CMOS output. Typically used to monitor PLL lock condition.
GND
3
Ground
GND
19
Ground for the VCO circuitry.
GND
20
Ground for the VCO Output Buffer circuitry.
GND
34
Ground
MICROWIRE Latch Enable input. High impedance CMOS input. This pin must not exceed
LE
10
Input
2.75 V. Data stored in the shift register is loaded into the selected latch register when LE
goes HIGH.
2, 4, 5, 7, 12,
NC
No Connect.
13, 29, 35
NC
14, 15
No Connect. Do NOT ground. This also includes the pad above these pins.
OSCin
31
Input
Oscillator input.
Oscillator complimentary input. When a single ended source is used, then a bypass
OSCin*
32
Input
capacitor should be placed as close as possible to this pin and be connected to ground.
Test
33
Output
This pin is for test purposes and should be grounded for normal operation.
Power Supply for the VCO Buffer circuitry. Input may range from 2.8 — 3.2 V. Bypass
VccBUF
22
capacitors should be placed as close as possible to this pin and ground.
Power Supply for digital LDO circuitry. Input may range from 2.8 — 3.2 V. Bypass
VccDIG
1
capacitors should be placed as close as possible to this pin and ground.
Power Supply for the PLL. Input may range from 2.8 — 3.2 V. Bypass capacitors should be
VccPLL
27
placed as close as possible to this pin and ground.
Power Supply for VCO regulator circuitry. Input may range from 2.8 — 3.2 V. Bypass
VccVCO
16
capacitors should be placed as close as possible to this pin and ground.
Internal reference voltage for VCO LDO. Not intended to drive an external load. Connect to
VrefVCO
18
ground with a capacitor.
Internally regulated voltage for the VCO buffer circuitry. Connect to ground with a
VregBUF
6
capacitor.
VregDIG
36
Internally regulated voltage for LDO digital circuitry.
Internally regulated voltage for PLL charge pump. Not intended to drive an external load.
VregPLL1
26
Connect to ground with a capacitor.
Internally regulated voltage for RF digital circuitry. Not intended to drive an external load.
VregPLL2
28
Connect to ground with a capacitor.
Internally regulated voltage for VCO circuitry. Not intended to drive an external load.
VregVCO
17
Connect to ground with a capacitor and some series resistance.
Tuning voltage input for the VCO. For connection to the CPout pin through an external
Vtune
23
Input
passive loop filter.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LMX2531


Número de pieza similar - LMX2531LQE1226E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2531LQ NSC-LMX2531LQ Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1146E NSC-LMX2531LQ1146E Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1146E TI-LMX2531LQ1146E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1146E NSC-LMX2531LQ1146E Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
LMX2531LQ1146E NSC-LMX2531LQ1146E_14 Datasheet
3Mb / 25P
   Evaluation Board Operating Instructions
More results

Descripción similar - LMX2531LQE1226E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com