Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2531LQX1778E Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LMX2531LQX1778E
Descripción Electrónicos  High-Performance Frequency Synthesizer System
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2531LQX1778E Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2531LQX1778E Datasheet HTML 3Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 4Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 5Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 6Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 7Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 8Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 9Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 10Page - Texas Instruments LMX2531LQX1778E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LMX2531
www.ti.com
SNAS252S – OCTOBER 2005 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
(VCC = 3.0 V, –40°C ≤ TA ≤ 85 °C; except as specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCO FREQUENCIES
LMX2531LQ1146E
1106
1184
LMX2531LQ1226E
1184
1268
LMX2531LQ1312E
1268
1360
LMX2531LQ1415E
1360
1470
LMX2531LQ1500E
1499
1510
LMX2531LQ1515E
1450
1580
LMX2531LQ1570E
1530
1636
Operating Frequency Range
LMX2531LQ1650E
1590
1700
(All options have a frequency
fFout
divider, this applies before the
LMX2531LQ1700E
1662
1770
MHz
divider. The frequency after the
LMX2531LQ1742
1760
1866
divider is half of what is shown)
LMX2531LQ1778E
1726
1840
LMX2531LQ1910E
1834
2028
LMX2531LQ2080E
1904
2274
LMX2531LQ2265E
2178
2400
LMX2531LQ2570E
2336
2790
LMX2531LQ2820E
2710
2925
LMX2531LQ3010E
2910
3132
OTHER VCO SPECIFICATIONS
LMX2531LQ1742
65
Maximum Allowable Temperature
LMX2531LQ1500E/1570E/1650E/
90
ΔTCL
Drift for Continuous Lock
1146E/1226/1312E/1415E/1515E
°C
See(4)
LMX2531LQ1700E/1778E/1910E/
125
2080E/2265E/2570E/2820E/3010E
(4)
Maximum Allowable Temperature Drift for Continuous Lock is how far the temperature can drift in either direction from the value it was
at the time that the R0 register was last programmed, and still have the part stay in lock. The action of programming the R0 register,
even to the same value, activates a frequency calibration routine. This implies that the part will work over the entire frequency range, but
if the temperature drifts more than the maximum allowable drift for continuous lock, then it will be necessary to reload the R0 register to
ensure that it stays in lock. Regardless of what temperature the part was initially programmed at, the temperature can never drift outside
the frequency range of –40°C
≤TA≤ 85°C without violating specifications.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2531


Número de pieza similar - LMX2531LQX1778E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2531LQX NSC-LMX2531LQX Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results

Descripción similar - LMX2531LQX1778E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2531LQ1570E TI-LMX2531LQ1570E Datasheet
1Mb / 41P
[Old version datasheet]   LMX2531 High Performance Frequency Synthesizer System with Integrated VCO
logo
Integrated Device Techn...
ICS8430002 IDT-ICS8430002 Datasheet
843Kb / 27P
   High-Performance Fractional-N Frequency Synthesizer
logo
Texas Instruments
TRF3750 TI-TRF3750 Datasheet
563Kb / 32P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_14 Datasheet
981Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
TRF3750 TI1-TRF3750_16 Datasheet
1Mb / 38P
[Old version datasheet]   HIGH-PERFORMANCE INTEGER-N PLL FREQUENCY SYNTHESIZER
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
   Spread Spectrum System Frequency Synthesizer
W137 CYPRESS-W137 Datasheet
174Kb / 10P
   Bx Notebook System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com