Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4784 Datasheet(PDF) 41 Page - Silicon Laboratories

No. de pieza SI4784
Descripción Electrónicos  Si47XX PROGRAMMING GUIDE
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4784 Datasheet(HTML) 41 Page - Silicon Laboratories

Back Button SI4784 Datasheet HTML 37Page - Silicon Laboratories SI4784 Datasheet HTML 38Page - Silicon Laboratories SI4784 Datasheet HTML 39Page - Silicon Laboratories SI4784 Datasheet HTML 40Page - Silicon Laboratories SI4784 Datasheet HTML 41Page - Silicon Laboratories SI4784 Datasheet HTML 42Page - Silicon Laboratories SI4784 Datasheet HTML 43Page - Silicon Laboratories SI4784 Datasheet HTML 44Page - Silicon Laboratories SI4784 Datasheet HTML 45Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 302 page
background image
AN332
Rev. 1.0
41
Property 0x2201. TX_ACOMP_THRESHOLD
Sets the threshold for audio dynamic range control from 0 dBFS to –40 dBFS in 1 dB units in 2's complement
notation. For example, a setting of –40 dB would be 65536 – 40 = 65496 = 0xFFD8. The threshold is the level
below which the device applies the gain set by the TX_ACOMP_GAIN property, and above which the device
applies the compression defined by (gain + threshold) / threshold. The CTS bit (and optional interrupt) is set when
it is safe to send the next command. This property may only be set or read when in powerup mode. The default is
0xFFD8, or –40 dBFS.
Available in: All
Default: 0xFFD8 (–40)
Units: 1 dB
Step: 1 dB
Range: –40 to 0
Bit
D15
D14
D13
D12
D11
D10
D9D8D7D6
D5
D4D3D2D1D0
Name
THRESHOLD[15:0]
Bit
Name
Function
15:0
THRESHOLD[15:0]
Transmit Audio Dynamic Range Control Threshold.
Range is from –40 to 0 dBFS in 1 dB steps (0xFFD8–0x0).
Default is 0xFFD8 (–40 dBFS).


Número de pieza similar - SI4784

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4784 SILABS-SI4784 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4784 SILABS-Si4784 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Descripción similar - SI4784

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
AN346 SILABS-AN346 Datasheet
964Kb / 2P
   Si47XX EVALUATION BOARD QUICK-START GUIDE
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com