Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4738 Datasheet(PDF) 12 Page - Silicon Laboratories

No. de pieza SI4738
Descripción Electrónicos  Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4738 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button SI4738 Datasheet HTML 8Page - Silicon Laboratories SI4738 Datasheet HTML 9Page - Silicon Laboratories SI4738 Datasheet HTML 10Page - Silicon Laboratories SI4738 Datasheet HTML 11Page - Silicon Laboratories SI4738 Datasheet HTML 12Page - Silicon Laboratories SI4738 Datasheet HTML 13Page - Silicon Laboratories SI4738 Datasheet HTML 14Page - Silicon Laboratories SI4738 Datasheet HTML 15Page - Silicon Laboratories SI4738 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
AN388
12
Rev. 0.2
2.3. FM Test Procedures
The following procedures measure analog audio output. All audio measurements can be duplicated for digital audio
output where applicable. For audio analyzer settings in digital mode, refer to Section 6.1.
2.3.1. Sensitivity
Sensitivity of a receiver is a measure of its ability to receive weak signals and produce an audio frequency output of
usable magnitude and acceptable quality. Sensitivities may be defined with respect to many different
characteristics of the output signal. For the purposes of our testing, sensitivity is the minimum RF level required to
produce an audio output with a specified signal-to-noise and distortion ratio, 26 dB. Please note that the sensitivity
measurement is defined with respect to SINAD and not SNR. Descriptions for these two measurements will be
given in the following sections.
1. Connect test equipment as shown in Figures 1, 2, or 3.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD+N / SINAD.
i. Set Measurement Mode = SINAD.
ii. Set Unit = dB.
iii. Set Filter = A-weighting.
iv. Set Frequency Limit Low = 300 Hz.
v. Set Frequency Limit High = 15000 Hz.
4. Configure generator #1:
a. Set carrier frequency = 98.1 MHz.
b. Select FM Modulation.
i.
Set FM Deviation = 22.5 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN frequency = 1 kHz.
c. Enable modulation.
d. Enable carrier.
5. Disable generator #2.
6. Adjust generator #1 RF level, VRF0, until audio analyzer SINAD = 26 dB +/- 1 dB.
7. Sensitivity (µV) = VRF0.


Número de pieza similar - SI4738

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4738 SILABS-Si4738 Datasheet
194Kb / 24P
   BROADCAST MULTI-BAND RADIO RECEIVER
SI4738 SILABS-SI4738 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4738 SILABS-SI4738 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4738 SILABS-Si4738 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4738-B20 SILABS-SI4738-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Descripción similar - SI4738

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
   Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
   GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Monolithic Power System...
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
   1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com