Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMM90PS12 Datasheet(PDF) 3 Page - XP Power Limited

No. de pieza AMM90PS12
Descripción Electrónicos  Worldwide Medical Approvals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XPPOWER [XP Power Limited]
Página de inicio  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMM90PS12 Datasheet(HTML) 3 Page - XP Power Limited

  AMM90PS12 Datasheet HTML 1Page - XP Power Limited AMM90PS12 Datasheet HTML 2Page - XP Power Limited AMM90PS12 Datasheet HTML 3Page - XP Power Limited AMM90PS12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMM120
Mechanical Details
Models and Ratings
Output
Power
Output
Voltage
Output
Current
Total
Regulation(2)
Model
Number(3, 4)
96 W
12 V
8.00 A
5%
AMM120PS12
105 W
15 V
7.00 A
5%
AMM120PS15
120 W
18 V
6.67 A
5%
AMM120PS18
120 W
19 V
6.32 A
5%
AMM120PS19
120 W
20 V
6.00 A
5%
AMM120PS20
120 W
24 V
5.00 A
5%
AMM120PS24
120 W
30 V
4.00 A
5%
AMM120PS30
120 W
36 V
3.34 A
5%
AMM120PS36
120 W
48 V
2.50 A
5%
AMM120PS48
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic cap connected at the measurement point.
2. Total regulation includes initial set accuracy, line and load regulation.
3. For Class II versions, add ‘ C2’ to model number e.g. AMM120PS24C2.
4. For optional barrel jack connector add suffix ‘ B1’ to model number e.g. AMM120PS24C2B1.
3.00 (76.2)
6.30
(160.0)
Cable length approx 48” (1220mm)
Power On Indicator
1.72
(43.7)
Rubber foot
(4 places.)
AC Input
1
3
4
2
IEC 320-C14 Inlet - For Class I version
IEC 320-C18 Inlet - For Class II version
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum,
except output cable length.
2. Weight 1.72 lbs (780 g).
3. Maximum load per pin on output connector is 5 A.
4. Output connector for AMM120PS12 & PS15 is 4 Pin DC Power Plug,
non-locking type. For mating half, use KYCON KPJ-4S-S or equivalent.
5. Output connector for AMM120PS18-PS48 is 4 Pin DC Power Plug, locking
type. For mating half, use KYCON KPJ-4S-S or equivalent.
6. For Class I versions shell is connected to ground. For Class II versions shell is
capacitively coupled to input.
7. For European mains lead order part: EU-MAINS-IEC
8. For UK mains lead order part: UK-MAINS-IEC
9. For US mains lead order part: US-MAINS-IEC
10. Mains lead length is 76“ (1930 mm) approx
Pin
Function
1
Return
2
Output+
3
Return
4
Output+
Optional Barrel Jack Connector
0.433 (11.0)
0.083 (2.1)
0.413
(10.5)
0.217
(5.5)
Notes
1
3
4
2


Número de pieza similar - AMM90PS12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
AMM90PS12 XPPOWER-AMM90PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
More results

Descripción similar - AMM90PS12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
XP Power Limited
AEM60 XPPOWER-AEM60 Datasheet
143Kb / 2P
   Worldwide Medical Approvals
SDM XPPOWER-SDM Datasheet
516Kb / 4P
   Medical Approvals
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Laird Tech Smart Techno...
MMCU4 LSTD-MMCU4 Datasheet
282Kb / 2P
   Approvals and frequencies for worldwide deployment
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
   140W Medical Approvals
logo
Emerson Network Power
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com