Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4701-EVB Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI4701-EVB
Descripción Electrónicos  Si4700/01/02/03 EVALUATION BOARD USER?셎 GUIDE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4701-EVB Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4701-EVB Datasheet HTML 7Page - Silicon Laboratories SI4701-EVB Datasheet HTML 8Page - Silicon Laboratories SI4701-EVB Datasheet HTML 9Page - Silicon Laboratories SI4701-EVB Datasheet HTML 10Page - Silicon Laboratories SI4701-EVB Datasheet HTML 11Page - Silicon Laboratories SI4701-EVB Datasheet HTML 12Page - Silicon Laboratories SI4701-EVB Datasheet HTML 13Page - Silicon Laboratories SI4701-EVB Datasheet HTML 14Page - Silicon Laboratories SI4701-EVB Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Si4700/01/02/03-EVB
Rev. 0.9
11
6.1. Connecting to the EVB
6.1.1. Initialization
The first window will show the following connect window. This window can be accessed anytime from the top menu
by selecting File
Initialize.
Figure 7. Initialization Screen
Table 2. Initialization Screen Explanations
#
Name
Explanation(s)
1
Connected Board List Box
If there are one or more EVBs detected, each board will be dis-
played with its corresponding part number and serial number. If
there are no EVBs connected this list box will be empty.
If your board is connected but the serial number is not displayed,
Disconnect and reconnect the EVB or press the reset button on
the EVB. If the drop down box is grayed out, then the software is
currently connected to the board with the serial number that is dis-
played. To disconnect from this board, select “Cancel” and then
File
→Disconnect.
2
Function
For the Si4700/01/02/03 boards, this drop down selection will only
allow “FM Receiver.”
3
Boot Mode
Load Firmware from Device—will boot the chip using the
firmware from NVRAM in the device.
Initialize Only—will perform an open and reset but will not boot
the chip.
4
Reset
This option is only available if the board was previously initialized
with the “Initialize Only” option. When selected, the Si470x is reset
before performing the selected action. By not selecting this option,
it is possible to make changes to the register map prior to enabling
the device.


Número de pieza similar - SI4701-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4701 SILABS-SI4701 Datasheet
154Kb / 2P
   Broadcast FM Radio Tuner for Portable Applications
SI4701 SILABS-SI4701 Datasheet
1Mb / 42P
   Device initialization sequence and busmode selection
SI4701 SILABS-SI4701 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
SI4701 SILABS-SI4701 Datasheet
1Mb / 16P
   Describe the high-level differences between RDS and RBDS
SI4701 SILABS-SI4701 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
More results

Descripción similar - SI4701-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon image
SI87XX-EVB SILICONIMAGE-SI87XX-EVB Datasheet
323Kb / 20P
   Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com