Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSPU100-110 Datasheet(PDF) 2 Page - Total Power International

No. de pieza TPSPU100-110
Descripción Electrónicos  100W Desk Top Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOTAL-POWER [Total Power International]
Página de inicio  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSPU100-110 Datasheet(HTML) 2 Page - Total Power International

  TPSPU100-110 Datasheet HTML 1Page - Total Power International TPSPU100-110 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:490~670gsapprox.
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
11~13 VDC
13~16 VDC
16~21 VDC
21~27 VDC
27~33 VDC
33~40 VDC
40~48 VDC
TPSPU100-105
TPSPU100-106
TPSPU100-107
TPSPU100-108
TPSPU100-109
TPSPU100-110
TPSPU100-111
9.09~7.69 A
7.69~6.25 A
6.25~4.76 A
4.76~3.70 A
3.70~3.03 A
3.03~2.50 A
2.50~2.08 A
5%
4%
4%
4%
3%
3%
3%
100W
100W
100W
100W
100W
100W
100W
Thisseriesisrequiredtouse AWG#18 3C+ AWG#16
3C 4FT outputcable.
Theregulationwillbechangedbymodifiedoutputcable.
×
×
/
TPSPU100 SERIES
100WDeskTopType
I.T.E.PowerSupplies
DeratingC
urve:
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Número de pieza similar - TPSPU100-110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPSPU10 TOTAL-POWER-TPSPU10 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
TPSPU10-102 TOTAL-POWER-TPSPU10-102 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
TPSPU10-104 TOTAL-POWER-TPSPU10-104 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
TPSPU10-105 TOTAL-POWER-TPSPU10-105 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
TPSPU10-106 TOTAL-POWER-TPSPU10-106 Datasheet
207Kb / 2P
   1 OW Wall Mount Switching Power Supplies For I.T.E.
More results

Descripción similar - TPSPU100-110

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Total Power Internation...
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU25A TOTAL-POWER-TPSPU25A Datasheet
349Kb / 2P
   25W Desk Top Type I.T.E. Power Supplies
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU46 TOTAL-POWER-TPSPU46 Datasheet
270Kb / 2P
   50W Desk Top Type I.T.E. Power Supplies
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU63 TOTAL-POWER-TPSPU63 Datasheet
227Kb / 2P
   63W Desk Top Type I.T.E. Power Supplies
TPSPU150 TOTAL-POWER-TPSPU150 Datasheet
345Kb / 2P
   150W Desk Top Type I.T.E. Power Supplies
TPSPU-40 TOTAL-POWER-TPSPU-40 Datasheet
259Kb / 2P
   40W Desk Top Type I.T.E. Power Supplies
TPSPU60 TOTAL-POWER-TPSPU60 Datasheet
249Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com