Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLP4501FQG Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza DLP4501FQG
Descripción Electrónicos  WXGA S311 DMD
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4501FQG Datasheet(HTML) 11 Page - Texas Instruments

Back Button DLP4501FQG Datasheet HTML 7Page - Texas Instruments DLP4501FQG Datasheet HTML 8Page - Texas Instruments DLP4501FQG Datasheet HTML 9Page - Texas Instruments DLP4501FQG Datasheet HTML 10Page - Texas Instruments DLP4501FQG Datasheet HTML 11Page - Texas Instruments DLP4501FQG Datasheet HTML 12Page - Texas Instruments DLP4501FQG Datasheet HTML 13Page - Texas Instruments DLP4501FQG Datasheet HTML 14Page - Texas Instruments DLP4501FQG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DLP4501
www.ti.com
DLPS063 – SEPTEMBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS (2)
MIN
TYP
MAX
UNIT
POWER (7)
PREF
Supply power dissipation: VVREF
VREF = 2.00 V
5.5
mW
PREF
Supply power dissipation: VVREF
VREF = 1.80 V
3.87
mW
PCC
Supply power dissipation: VVCC
VCC= 2.75 V
440
mW
PCC
Supply power dissipation: VVCC
VCC= 2.5 V
312.5
mW
POFFSET
Supply power dissipation: VVOFFSET
VOFFSET = 8.75 V
28.9
mW
POFFSET
Supply power dissipation: VVOFFSET
VOFFSET= 8.5 V
25.5
mW
PBIAS
Supply power dissipation: VVBIAS
(5)
VBIAS = 16.5 V
58.6
mW
PBIAS
Supply power dissipation: VVBIAS
(5)
VBIAS = 16.0 V
40.8
mW
PRESET
Supply power dissipation: VVRESET
(5)
VRESET = –10.5 V
32.6
mW
PRESET
Supply power dissipation: VVRESET
(5)
VRESET = –10.0 V
24.5
mW
CAPACITANCE
CIN
Input capacitance
ƒ = 1 MHz
10
pF
COUT
Output capacitance
ƒ = 1 MHz
10
pF
(7)
The following power supplies are all required to operate the DMD: VSS, VCC, VREF, VOFFSET, VBIAS, VRESET.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DLP4501


Número de pieza similar - DLP4501FQG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP4501FQG TI1-DLP4501FQG Datasheet
531Kb / 37P
[Old version datasheet]   45 WXGA S311 DMD
More results

Descripción similar - DLP4501FQG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DLP4501 TI1-DLP4501_19 Datasheet
531Kb / 37P
[Old version datasheet]   45 WXGA S311 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
[Old version datasheet]   0.65 WXGA DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
[Old version datasheet]   WXGA Near-Infared DMD
DLP4500 TI1-DLP4500_19 Datasheet
2Mb / 61P
[Old version datasheet]   DLP4500 .45 WXGA DMD
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
[Old version datasheet]   DLP 0.45 WXGA DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
[Old version datasheet]   0.65 NIR WXGA S450 DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP4500 TI1-DLP4500_16 Datasheet
2Mb / 57P
[Old version datasheet]   WXGA
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com